Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100 Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX99100
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100 Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX99100 Datasheet HTML 29Page - ASIX Electronics Corporation AX99100 Datasheet HTML 30Page - ASIX Electronics Corporation AX99100 Datasheet HTML 31Page - ASIX Electronics Corporation AX99100 Datasheet HTML 32Page - ASIX Electronics Corporation AX99100 Datasheet HTML 33Page - ASIX Electronics Corporation AX99100 Datasheet HTML 34Page - ASIX Electronics Corporation AX99100 Datasheet HTML 35Page - ASIX Electronics Corporation AX99100 Datasheet HTML 36Page - ASIX Electronics Corporation AX99100 Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
33
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
Hardware Default value:
1: In LB, PP or SPI mode
0: Others
5
Serial Port 4 System Clock Disable
1: Disabled Serial Port 4 system clock
0: Enable Serial Port 4 system clock
Hardware Default value:
1: in LB, PP or SPI mode
0: Others
6
SPI System Clock Disable
1: Disabled SPI system clock
0: Enabled SPI system clock
Hardware Default value:
0: In SPI mode.
1: Others
7
Reserved
Global Setting (0x56)
Bit
Description
3:0
PCIe Function Enable
Indicates the function existed or not in PCIe system. Bit0 is for Function 1, Bit1 is for Function 2 and
Bit2 is for function 3. Note Bit3 should be set to ‘0’ and the Function 0 is always enabled in
AX99100.
1: Enabled the corresponding PCIe Function.
0: Disabled the corresponding PCIe Function.
Hardware Default value:
0x0: For LB mode (CHIP_MODE= 000)
0x3: For PP related mode (CHIP_MODE=001 and 010)
0x5: For SPI related mode (CHIP_MODE=100 and 110)
0x7: Others
4
ECRC forwarding to and from the Application Layer implemented.
This field should always set to 0b
7:5
Reserved
Check-Sum (0x5B)
Bit
Description
7:0
Check-Sum Value
Hardware Check-Sum verification is the sum of the all bytes from offset 0x00 to 0x5B with an 8bit adder
and the carry need to be added back to bit0. The final value should equal to the Hardware pre-define, 0x79.
So the Check-Sum value should be used to adjust the final value to 0x79 to pass the Check-Sum
verification. If the check-sum verification failed, Hardware will not load the EEPROM contents and use
the Hardware default value to replace it. Please reference section 3.3.3 in detail.
For example, if the summation is 0x7A from offset 0x00 to 0x5A. Due to 0x7A is large than 0x79, the
Check-Sum Value should be 0xFE (0x79-0x7A-0x01). If the summation is 0x79, Check-Sum Value will
be 0x00 (0x79-0x79).
Reserved (0x5C-0x7F)
EEPROM address 0x5C~0x7F are Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com