Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100 Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX99100
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100 Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX99100 Datasheet HTML 28Page - ASIX Electronics Corporation AX99100 Datasheet HTML 29Page - ASIX Electronics Corporation AX99100 Datasheet HTML 30Page - ASIX Electronics Corporation AX99100 Datasheet HTML 31Page - ASIX Electronics Corporation AX99100 Datasheet HTML 32Page - ASIX Electronics Corporation AX99100 Datasheet HTML 33Page - ASIX Electronics Corporation AX99100 Datasheet HTML 34Page - ASIX Electronics Corporation AX99100 Datasheet HTML 35Page - ASIX Electronics Corporation AX99100 Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
32
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
INT Mask (0x54~0x53)
Bit
Description
3:0
Setting INT A bit mapping (0x1) for Function 0.
Hardware Default value: 0x1.
7:4
Setting INT B bit mapping (0x2) for Function 1.
Hardware Default value:
0x0: for LB mode.
0x2: Others.
11:8
Setting INT C bit mapping (0x4) for Function 2.
Hardware Default value:
0x0: For LB and SPI mode.
0x4: Others.
15:12
Setting INT D bit mapping (0x8) for Function 3.
Hardware Default value:
0x0: For LB and PP mode.
0x8: Others.
Port Disable Register (0x55)
Bit
Description
0
XCVR Polarity Selection.
1: XCVR is active Low when AX99100 enter L2(D3) power saving mode
0: XCVR is active High when AX99100 enter L2(D3) power saving mode
Note: This bit is valid when set Bit1 to ‘1’.
Hardware Default value: 0x0
1
XCVR Function Enable
Enable the output of GPIO6 as “XCVR” function to shutdown external Serial Port transceiver in L2
power state.
1: Enable XCVR function output to GPIO6
0: Disable XCVR output to GPIO6, the GPIO6 is a generic GPIO function
Hardware Default value:
0: In LB mode
1: Others
2
Serial Port 1 System Clock Disable
1: Disabled Serial Port 1 system clock
0: Enabled Serial Port 1 system clock
Hardware Default value:
1: In LB mode
0: Others
3
Serial Port 2 System Clock Disable
1: Disabled Serial Port 2 system clock
0: Enabled Serial Port 2 system clock
Hardware Default value:
1: In LB mode
0: Others
4
Serial Port 3 System Clock Disable
1: Disabled Serial Port 3 system clock
0: Enabled Serial Port 3 system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com