Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100 Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX99100
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100 Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX99100 Datasheet HTML 21Page - ASIX Electronics Corporation AX99100 Datasheet HTML 22Page - ASIX Electronics Corporation AX99100 Datasheet HTML 23Page - ASIX Electronics Corporation AX99100 Datasheet HTML 24Page - ASIX Electronics Corporation AX99100 Datasheet HTML 25Page - ASIX Electronics Corporation AX99100 Datasheet HTML 26Page - ASIX Electronics Corporation AX99100 Datasheet HTML 27Page - ASIX Electronics Corporation AX99100 Datasheet HTML 28Page - ASIX Electronics Corporation AX99100 Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
25
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
3 Chip Configuration
Boot Strapping Pins for Chip Mode
3.1
The AX99100 is able to configure to 8 different chip modes by pull up or pull down the Pin 54, 56 and 58. These pins
will be pulled up internally during reset. Therefore, user just needs to use external resistor to pull down these pins for
the chip mode setting to ‘0’. But it is still accepted if user would like to use the external resistor to pull up these pins
for the mode setting to ‘1’.
Pins
Signal Name
Description
54
CHIP_MODE[0]
Chip Mode Select bit 0
0: Added external pull-down resistor to this pin.
1: Otherwise.
56
CHIP_MODE[1]
Chip Mode Select bit 1
0: Added external pull-down resistor to this pin.
1: Otherwise.
58
CHIP_MODE[2]
Chip Mode Select bit 2
0: Added external pull-down resistor to this pin.
1: Otherwise.
Table 3-1: Chip Mode Selection Pins
There are 8 chip modes (4MP, 2S1SPI, 2S2MP, 2MP1SPI, 4S, 2MP1P, 2S1P and LB) can be selected by different
pull-down for CHIP_MODE. It is the detail descriptions for the each chip mode abbreviations below.
4MP
Means to support four Serial Ports with Multi-Protocol transceivers in PCIe function 0~3.
2S1SPI
Means to support two general Serial Ports in function 0~1 and one SPI master in PCIe function 3.
2S2MP
Means to support two general Serial Ports in function 0~1 and two Serial Ports with Multi-Protocol
transceivers in PCIe function 2~3.
2MP1SPI
Means to support two Serial Ports with Multi-Protocol transceivers in function 0~1and one SPI
master in PCIe function 3.
4S
Means to support four general Serial Ports in PCIe function 0~3.
2MP1P
Means to support two Serial Ports with Multi-Protocol transceivers in function 0~1and one Parallel
Port in PCIe function 2.
2S1P
Means to support two general Serial Ports in function 0~1 and one Parallel Port in PCIe function 2.
LB
Means to support one Local Bus interface in PCIe function 0.
Following table specified abbreviation of all chip modes with CHP_MODE[2:0] decode and port mapping. “GPIO”
is for GPIO[15:8], it occupies the 8 pins in Port 3 and controlled by BAR5 in each function same as GPIO[7:0] pins.
“Parallel Port” occupies the pins of Port 3 and 4 and controlled by function 2 in PCIe. “SPI” occupies the pins of Port
4 and controlled by function 3 in PCIe. “LB” is for Local Bus interface, it occupies all pins from Port 1 to Port 4 but
only controlled by function 0 in PCIe. In “Serial Port” and “Multi-protocol”, Port 1 will be controlled by function 0,
Port 2 controlled by function 1, Port 3 controlled by function 2 and Port 4 controlled by function 3 in PCIe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com