Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QI Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX99100QI
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QI Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX99100QI Datasheet HTML 11Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 12Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 13Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 14Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 15Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 16Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 17Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 18Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 19Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
15
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
1.4.5
Serial Port with Function Disabled
Table 1-8: Serial Interface with Port2 and Port4 Disabled Pin Description
Serial Interface with Port2 and Port4 Disabled
Pin Name
Type
Pin No
Pin Description
TXD2
TXD4
O5/4m
68
42
No any function for this pin due to disable.
SP1_GPIO0
SP3_GPIO0
B5/CU/4m
67
41
Serial Port GPIO
(Note 2)
SP1_GPIO1
SP3_GPIO1
B5/CU/4m
66
40
Serial Port GPIO
RXD2
RXD4
O5/PU/4m
65
38
No any function for this pin due to disable.
SP1_GPIO5
SP3_GPIO5
B5/CU/4m
64
34
Serial Port GPIO
SP1_GPIO3
SP3_GPIO3
B5/CU/4m
63
33
Serial Port GPIO
SP1_GPIO4
SP3_GPIO4
B5/CU/4m
62
32
Serial Port GPIO
SP1_GPIO2
SP3_GPIO2
B5/CU/4m
61
31
Serial Port GPIO
Note 1: If Port 2 or Port 4 are disabled by setting HWCFGEE when CHIP_MODE setting for those serial port
interface, all pins for Port 2 or Port 4 (excluded TXD and RXD) will be re-directed to the GPIO function of
Port 1 and Port 3. Thus the pins of Port 1 and Port 3 cannot be set for GPIO function by software register
setting.
Note 2: Pin 67 and 41 will be re-directed to DTR1/DXEN1 and DTR3/DXEN3 also. However software can enable it
to GPIO function as SP1_GPIO0 and SP3_GPIO0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com