Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QI Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX99100QI
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QI Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX99100QI Datasheet HTML 25Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 26Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 27Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 28Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 29Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 30Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 31Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 32Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
29
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
Divide Clock Selection (0x00)
Bit
Description
1:0
Clock source select for LB or SPI used.
00: 125MHz from internal PLL.
01: 100MHz from PCIe reference clock.
1x: EXT_CLK.
Hardware Default Value:
01: In LB and SPI mode.
00: Others.
2
Divide Enable.
0: Disabled clock divider to LB and SPI module.
1: Enabled clock divider to generate desired clock frequency for LB or SPI module.
Hardware Default Value:
1: In LB and SPI mode.
0: Others.
7:3
Reserved
Note: “ Hardware Default Value” means HWCFGEE load failed for without Hardware Configuration EEPROM
or checksum failed.
Divide Register (0x01)
Bit
Description
7:0
Clock Divider N Register.
The number of N in this field is used to generate the desired clock frequency and the frequency will
follow following equation:
Desired clock frequency = (125MHz or 100MHz or EXT_CLK) / N
Note:
◎ N equal to 0x00 or 0x01 is divided by 1, N = ‘2’ is divided by 2, and so on.
◎ This value N should >= 2 when the clock source from 125MHz and 100MHz for SPI.
Hardware Default Value:
0x02: In LB and SPI mode.
0x00: Others.
Vendor ID_Fx (0x03~0x02, 0x18~0x17, 0x2C~0x2B, 0x40~0x3F)
Bit
Description
15:0
Vendor ID_Fx.
This field will be loaded into PCIe Configuration Space offset 0x00 (Vendor ID).
Hardware Default Value: 0x125B.
Note 1: Vendor ID_F3 = 0xFFFF In PP mode, Vendor ID_F2 = 0xFFFF In SPI mode.
Note 2: Only “Vendor ID_F0” existed in LB mode.
Note: “ x” is from 0~3 means PCIe function 0~3.
Device ID_Fx (0x05~0x04, 0x1A~0x19, 0x2E~0x2D, 0x42~0x41)
Bit
Description
15:0
Device ID_Fx.
This field will be loaded into PCIe Configuration Space offset 0x02 (Device ID).
Hardware Default Value: 0x9100
Note 1: Device ID_F3 = 0xFFFF In PP mode, Device ID_F2 = 0xFFFF In SPI mode.
Note 2: Only “Device ID_F0”=(0x9110) existed in LB mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com