Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QI Datasheet(PDF) 56 Page - ASIX Electronics Corporation

Part # AX99100QI
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QI Datasheet(HTML) 56 Page - ASIX Electronics Corporation

Back Button AX99100QI Datasheet HTML 52Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 53Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 54Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 55Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 56Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 57Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 58Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 59Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 60Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
56
AX99100
PCIe to Multi I/O Controller
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AC Timing Characteristics
4.5
4.5.1
PCIe Reference Clock Timing
The reference clock (CLKP and CLKN) of AX99100 is designed for the PCI Express Card Electromechanical
Specification Revision 2.0. Please reference the section 2.1.3 in this standard for the detail.
4.5.2
I
2C Timing
Symbol
Parameter
Min
Typ
Max
Units
Fclk
2
SCL clock frequency
SCL will use 100KHz during the configuration
EEPORM loading and can be changed to support
400KHz operating.
-
-
100,
400
KHz
Thigh
High period of the SCL clock
-
SCL_HP+5
-
Tsys_clk
1
Tlow
Low period of the SCL clock
-
SCL_LP+2
-
Tsys_clk
Thd_sta
Hold time of (repeated) START condition. After
this period, the first clock pulse is generated
-
SHSC+1
-
Tsys_clk
Tsu_sta
Setup time for a repeated START condition
-
SHSC+1
-
Tsys_clk
Tsu_dat
Data Setup time
-
(SCL_LP/2)+1
-
Tsys_clk
Thd_dat
Data hold time
-
(SCL_LP/2)+1
-
Tsys_clk
Tsu_sto
Setup time for STOP condition
-
SCL_HP+5
-
Tsys_clk
Tbuf
Bus free time between a STOP and START
condition
-
(SCL_HP/2)+BFT+2
-
Tsys_clk
Note 1: Tsys_clk = 16ns for 62.5 MHz operating system clock.
Note 2: Fclk = 1/Tclk, where Tclk = ((SCL_HP + SCL_LP) * Tsys_clk). The SCL_HP and SCL_LP are I
2C SCL
Period Register.
Table 4-1: I
2C Master Controller Timing Table
Tsu_sto
Thd_sta
Tsu_sta
Thd_dat
Tlow
Thigh
Tlow
Tsu_dat
Thigh
Thd_sta
Tbuf
Tbuf
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com