Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QI Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX99100QI
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QI Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX99100QI Datasheet HTML 27Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 28Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 29Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 30Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 31Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 32Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 33Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 34Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
31
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
Subsystem Device ID_Fx (0x0D~0x0C, 0x21~0x20, 0x35~0x34, 0x49~0x48)
Bit
Description
15:0
Subsystem Device ID_Fx.
This field will be loaded into PCIe Configuration Space offset 0x2E (Subsystem Device ID).
Note:
◎For SP related PCIe function, bit15~12 should be set to 0x1.
◎For PP related PCIe function, bit15~12 of “Subsystem Device ID_F2” should be set to 0x2.
◎For SPI related PCIe function, bit15~12 of “Subsystem Device ID_F3” should be set to 0x6.
Hardware Default Value:
0x1000: For all SP function.
0x2000: For “Subsystem Device ID_F2” in PP mode.
0x6000: For “Subsystem Device ID_F3” in SPI mode.
0x7000: For “Subsystem Device ID_F0” in LB mode.
Note: Only “Subsystem Device ID_F0” existed in LB mode and if the function has been disabled this
file should be set to 0x0000.
Power Management Capabilities_Fx (0x0F~0x0E, 0x23~0x22, 0x37~0x36, 0x4B~0x4A)
Bit
Description
0
No Soft Reset.
This field will be loaded into PCIe Configuration Space offset 0x7C (Power Management
Status/Control Register), bit 3.
Hardware Default Value:0x1.
3:1
Maximum Current Required.
This field will be loaded into PCIe Configuration Space offset 0x78 (Power Management
Capabilities Register), bit 24:22.
Hardware Default Value:0x7 (375 mA).
4
D1 Support.
This field will be loaded into PCIe Configuration Space offset 0x78 (Power Management
Capabilities Register), bit 25.
Hardware Default Value:0x1.
5
D2 Support.
This field will be loaded into PCIe Configuration Space offset 0x78 (Power Management
Capabilities Register), bit 26.
Hardware Default Value:0x1.
10:6
PME Support.
This field will be loaded into PCIe Configuration Space offset 0x78 (Power Management
Capabilities Register), bit 31:27. {D3 cold, D3 hot PME, D2 PME, D1 PME, D0 PME}.
Note: Bit10, D3 cold, will be “and” logic operation with the 3.3V AUX detect (GPIO2/A3 pull-up
Aux3.3V).
Hardware Default Value:0x1F.
Note 1: Only “ Power Management Capabilities_F0” existed in LB mode.
Note 2: This field should be set to 0x0000 if this function is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com