Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QI Datasheet(PDF) 57 Page - ASIX Electronics Corporation

Part # AX99100QI
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QI Datasheet(HTML) 57 Page - ASIX Electronics Corporation

Back Button AX99100QI Datasheet HTML 53Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 54Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 55Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 56Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 57Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 58Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 59Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 60Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 61Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
57
AX99100
PCIe to Multi I/O Controller
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
4.5.3
Serial Port Timing
The Serial Port data transmit and receive is via TXD[4:1] and RXD[4:1] pins. The complete data transmit/receive
includes 1 start bit, 5~8 data bit, 1 parity bit (if supported parity check) and 1~2 stop bit.
Figure 4-1: TXD1 and RXD1 Timing Diagram
Symbol
Parameter
Min
Typ
Max
Units
t0~t9
t0 is start bit time;
t1 ~ t8 is data bit time;
t9 is parity bit time;
-
1/Baud Rate
S
t10
stop bit time :
1 bit
1.5 bit
2 bit
-
1/Baud Rate
1.5*(1/Baud Rate)
2*(1/Baud Rate)
-
S
Note: RXD[4:1] baud rate tolerance ±3%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com