Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QI Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX99100QI
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QI Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX99100QI Datasheet HTML 2Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 3Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 4Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 5Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 6Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 7Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 8Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 9Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
6
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
1 Introduction
General Description
1.1
AX99100, PCI Express to Multi-I/O Controller, is a single chip solution for PCI express-based high performance
Serial, Parallel port, SPI and Local Bus connectivity. It provides rich features and highly configurability for variety
products.
AX99100 is a fully integrated, single-lane PCI express end-point controller and SerDes with rich high
performance peripherals such as four High Speed Serial Ports, one Parallel Port, I
2C Master, one High Speed SPI
and Local Bus interface. AX99100 also provides rich GPIO ports can be controlled by software driver for some
automation control applications.
The High Speed Serial Ports with the throughput up to 25Mbps, it can works with RS-232/RS-422/RS-485
multi-protocol transceivers and allow easy reconfigured Full/Half-duplex, Loopback and Termination resistors by
software. The Parallel Port is compatible with IEEE 1284 and supports SPP, Nibble, Byte and ECP modes. An I
2C
interface is provided to configure AX99100 device options through an external EEPROM after chip reset and also
supports to access other I
2C device. SPI master provides a full-duplex, synchronous serial communication
interface (4 wires) to flexibly work with numerous SPI peripheral devices. Local Bus interface provides
configurable asynchronous or synchronous, 8 or 16 bits data bus width with specified endian type and address/data
multiplexed or separated bus type access mode to support variety slave interface access types. All the GPIO pins
are programmable and can be used as Input or Output. AX99100 supports 8 dedicated GPIO and every serial port
pins can be configured as GPIO by software.
Generally, the clock source of AX99100 is from PCIe slot. AX99100 don’t need any other clock source for the
main operations. But AX99100 still supports a clock input from external oscillator for those special baud rate
generated for UART, SPI and Local Bus used. AX99100 also integrates power-on reset circuit and 3.3V to 1.2V
voltage regulator on-chip to provide simplifies reset and power supply for the core power of the chip. It supports
single power operation and reduces the overall BOM cost.
AX99100 is available in 68-pin QFN RoHS compliant package and supports commercial grade operating
temperature range from 0 to 70°C and Industrial grade operating temperature range from -40 to 85°C.
AX99100 provides cost effective solution to enable simple, easy, and low cost integration capability for PCIe to
rich interface conversion applications. It could also provide highly programmable flexibility and compatibility for
many applications such as serial, parallel and Bridge for home automation and Industrial control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com