Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QI Datasheet(PDF) 58 Page - ASIX Electronics Corporation

Part # AX99100QI
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QI Datasheet(HTML) 58 Page - ASIX Electronics Corporation

Back Button AX99100QI Datasheet HTML 54Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 55Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 56Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 57Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 58Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 59Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 60Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 61Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 62Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
58
AX99100
PCIe to Multi I/O Controller
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
4.5.4
SPI Timing
Symbol
Description
Min
Typ
Max
Units
1
SCLK clock frequency
-
Fsys_clk
SPIBRR
-
MHz
2
Setup time of SS[2:0] to the first SCLK
edge
-
Mode0, 1: (1.0 + DBS) * Tsclk.
Mode2, 3: (0.5 + DBS) * Tsclk.
-
ns
3
Hold time of SS[2:0] after the last SCLK
edge
-
Mode0, 1: (0.5 + DBS) * Tsclk.
Mode2, 3: (1.0 + DBS) * Tsclk.
-
ns
4
Minimum idle time between transfers
(minimum SS[2:0] high time)
-
(2 + DT) * Tsclk.
-
ns
5
MOSI data valid time, after SCLK edge
-
-
2
ns
6
MISO data setup time before SCLK edge
7
-
-
ns
7
MISO data hold time after SCLK edge
0
-
-
ns
8, 9
Bus drive time before SS[2:0] assertion
and after SS[2:0] de-assertion
-
Tsclk
-
Note: Fsys_clk is from 125MHz, 100MHz or EXT_CLK and the SCLK frequency is same as “Desired clock
frequency”. Please reference section 3.3.1, Divide Register. The SPIBRR is SPI Baud Rate Register and same
as N.
Figure 4-2: High Speed SPI Master Controller Timing Diagram and Table
5
4
9
4
3
8
2
7
6
1
1
SCLK(output)
MOSI(output)
MISO(input)
SS0(output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com