Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX99100QI Datasheet(PDF) 30 Page - ASIX Electronics Corporation

Part # AX99100QI
Description  PCIe to Multi I/O Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX99100QI Datasheet(HTML) 30 Page - ASIX Electronics Corporation

Back Button AX99100QI Datasheet HTML 26Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 27Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 28Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 29Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 30Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 31Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 32Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 33Page - ASIX Electronics Corporation AX99100QI Datasheet HTML 34Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
30
Copyright © 2016 ASIX Electronics Corporation. All rights reserved.
AX99100
PCIe to Multi I/O Controller
Revision ID (0x06)
Bit
Description
7:0
Revision ID.
This field will be loaded into PCIe Configuration Space offset 0x08 (Revision ID).
Hardware Default Value: 0x00
Programming IF_Fx (0x07, 0x1B, 0x2F, 0x43)
Bit
Description
7:0
Programming Interface_Fx.
This field will be loaded into PCIe Configuration Space offset 0x09 (Programming Interface).
Hardware Default Value:
0x02: For all SP mode.
0x03: For “Programming Interface_F3” in PP mode.
0x00: Others (includes “Programming Interface_F0” in PP or LB mode and “Programming
Interface_F2” in SPI mode).
Note: Only “Programming Interface_F0” existed in LB mode.
Sub-Class Code_Fx (0x08, 0x1C, 0x30, 0x44)
Bit
Description
7:0
Sub-Class Code_Fx.
This field will be loaded into PCIe Configuration Space offset 0x0A (Sub-Class).
Hardware Default Value:
0x80: For “Sub-Class Code_F0” in LB mode.
0x01: For “Sub-Class Code_F2” in PP mode.
0x00: Others (includes “Sub-Class Code_F3” in SPI mode and all SP mode).
Note: Only “Sub-Class Code_F0” existed in LB mode.
Base Class Code_Fx (0x09, 0x1D, 0x31, 0x45)
Bit
Description
7:0
Base Class Code_Fx.
This field will be loaded into PCIe Configuration Space offset 0x0B (Base Class).
Hardware Default Value:
0x07: For all SP mode and “Base Class Code_F2” in PP mode.
0x06: For “Base Class Code_F0” in LB mode
0xFF: For “Base Class Code_F3” in SPI mode
0x00: Others
Note: Only “Base Class Code_F0” existed in LB mode.
Subsystem Vendor ID_Fx (0x0B~0x0A, 0x1F~0x1E, 0x33~0x32, 0x47~0x46)
Bit
Description
15:0
Subsystem Vendor ID_Fx.
This field will be loaded into PCIe Configuration Space offset 0x2C (Subsystem Vendor ID).
Hardware Default Value: 0xA000
Note: Only “Subsystem Vendor ID_F0” existed in LB mode and if the function has been disabled
this file should be set to 0x0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com