Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6208 Datasheet(PDF) 15 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6208
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6208 Datasheet(HTML) 15 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6208 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 13Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 14Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 15Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 16Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 17Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 18Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 19Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
SW6208
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS046_v1.5
15
9.17. NTC Function
The SW6208 integrates NTC function. It monitors battery temperature and protects when battery
temperature is abnormal. NTC Pin will source a current to a NTC thermistor of 103AT, and measure
the voltage to calculate battery temperature. NTC Pin will source 80uA for higher accuracy when NTC
thermistor is in low resistance, and 40uA for wider range in high resistance. It sources 80uA in default
mode. When NTC voltage is higher than 2.712V, it changes to 40uA; When NTC voltage is lower than
0.718V, it changes to 80uA.
While using a typical NTC thermistor of 103AT, protection threshold and NTC voltage in discharge
mode is as below:
Threshold Description
NTC Temperature/℃
NTC Voltage/V
NTC Current/uA
NTC Low Temperature Protection
-20
2.711
40
NTC High Temperature Regulation
55
0.283
80
NTC High Temperature Protection
60
0.242
80
Protection threshold and NTC voltage in Charge mode is as below:
Threshold Description
NTC Temperature/℃
NTC Voltage/V
NTC Current/uA
NTC Low Temperature Protection
0
2.182
80
NTC JEITA Low Temperature for
Reducing Current
5
1.764
80
NTC JEITA Low Temperature for
Returning to Normal
10
1.437
80
NTC JEITA High Temperature for
Returning to Normal
40
0.466
80
NTC JEITA High Temperature for
Reducing Target Voltage
45
0.393
80
NTC High Temperature Protection
50
0.333
80
Resisters can be in series or parallel with the NTC thermistor to change the protection temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com