Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6208 Datasheet(PDF) 12 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6208
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6208 Datasheet(HTML) 12 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6208 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 13Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 14Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 15Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 16Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
SW6208
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS046_v1.5
12
9.5. Type C Interface
The SW6208 integrates Type-C logic controller include try.SRC role. When SOURCE is attached,
charger will automatically turn on to charge battery. When SOURCE is detached, charger will
automatically turn off. When SINK is attached, boost will automatically turn on to supply device.
When SINK is detached, boost will turn off .
When SINK is attached and boost turns on , the SW6208 works in SOURCE role, and will broadcast
power level of 3A. if adapter inserts in Micro-B or Lightning port and boost not turns on, the SW6208
will also broadcast power level of 3A.
9.6. PD Fast Charge
The SW6208 integrates PPS/PD3.0/PD2.0 fast charge protocol, supports input and output fast charge.
Its output supports two APDOs: PPS0 for 5~5.9V@3A, and PPS1 for 5~11V@2A, and three fix PDOs:
5V@3A/2A/2.4A/2.5A, 9V@2A/2.22A/2.33A/2.4A, 12V@1.5A/1.6A/1.67A/1.75A. It also supports
5V/9V/12V input voltage.
9.7. QC3.0/QC2.0 Fast Charge
The SW6208 integrates QC4+/QC4/QC3.0/QC2.0 fast charge protocol. It supports Class A, while
QC2.0 supporting 5V/9V/12V output voltage and QC3.0 supporting 5V~12V output voltage,
200mV/Step.
QC2.0/QC3.0 will output voltage base on DP/DM voltage:
Device
SW6208
DP
DM
VOUT
Note
3.3V
3.3V
previous voltage
not respond
0.6V
0.6V
12V
3.3V
0.6V
9V
0.6V
3.3V
continuous mode
0.2V/Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com