Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6208 Datasheet(PDF) 6 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6208
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6208 Datasheet(HTML) 6 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6208 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SW6208
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS046_v1.5
6
VBUSB/VBUSC/VBUSL
Input UVLO Hysteresis
VBUSB/C/L_UVLO_HYS
VBUSB/VBUSC/VBUSL
Voltage Rising
300
400
500
mV
VBUSB/VBUSC/VBUSL
Input OVP Threshold
VBUSB/C/L_OVP
VBUSB/VBUSC/VBUSL
Voltage Rising
13.4
13.7
14
V
VBUSB/VBUSC/VBUSL
Input OVP Hysteresis
VBUSB/C/L_OVP_HYS
VBUSB/VBUSC/VBUSL
Voltage Falling
600
800
1000
mV
VCC Output Voltage
VCC
Boost or VBUSB/VBUSC/VBUSL
Insert
4.9
5
5.1
V
Power Off
VBAT
V
VCC Output current
ICC
Boost or VBUSB/VBUSC/VBUSL
Insert
40
60
80
mA
Power Off
40
60
80
mA
Power MOS Rdson
High Side NMOS
RDSON_H
17
20
24
mΩ
Low Side NMOS
RDSON_L
9
11
14
mΩ
Peak Current Limit for
High Side NMOS
IPEAK_H
Charge Mode
6
8
10
A
Peak Current Limit for
Low Side NMOS
IPEAK_L
Boost Mode
8
10
12
A
Charge Mode
Trickle Charge End Voltage
VTC
2.9
3
3.1
V
Trickle Charge Current(IBAT)
ITC
VBAT < 0.5V
30
60
100
mA
0.5V< VBAT < 3V
200
300
400
mA
Constant Current Charge Current
ICC
VBUSB / VBUSL = 5V,
ICCSET=2A
1.8
2
2.1
A
VBUSC = 5V,ICCSET=3A
2.7
3
3.2
A
VBUSB / VBUSC / VBUSL = 9V,
ICCSET=2A
1.8
2
2.1
A
VBUSB / VBUSC / VBUSL =12V,
ICCSET=1.5A
1.3
1.5
1.6
A
Termination Charge Current
IEND
VBUSB / VBUSC / VBUSL = 5V
200
230
260
mA
VBUSB / VBUSC / VBUSL = 9V
100
130
160
mA
VBUSB / VBUSC / VBUSL = 12V
80
100
120
mA
Target Charge Voltage
VBAT_FULL
4.16
4.2
4.24
V
Recharge Threshold
VBAT_RECH
4.06
4.1
4.14
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com