Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6208 Datasheet(PDF) 7 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6208
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6208 Datasheet(HTML) 7 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6208 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SW6208
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS046_v1.5
7
Switching Frequency
FCHG
350
400
450
KHz
Trickle Charge Over Time
tTC_OT
36
40
44
Min
Constant Charge Over Time
tCC_OT
30
33
36
Hour
Thermal Regulation Threshold
TREGU_CHG
100
115
130
℃
Hold Voltage Threshold
VHOLD
VBUSB / VBUSC / VBUSL = 5V
4.4
4.5
4.6
V
VBUSB / VBUSC / VBUSL = 9V
8.4
8.5
8.6
V
VBUSB / VBUSC / VBUSL = 12V 11.35
11.45
11.55
V
Boost Mode
VBAT Input Voltage
VBAT
2.9
4.5
V
VBAT Input UVLO Threshold
VBAT_UVLO
VBAT Voltage Falling
2.8
2.9
3.0
V
VBAT Input UVLO Hysteresis
VBAT_UVLO_HYS
VBAT Voltage Rising
400
500
600
mV
VOUT Output Voltage
VOUT
VOUT=5V, IOUT=0A
5
5.1
5.2
V
VOUT=9V, IOUT=0A
8.9
9.1
9.3
V
VOUT=12V, IOUT=0A
11.8
12.1
12.4
V
VOUT Output Current
IOUT
VOUT=5V,IOUTSET=3A
3
3.4
A
VOUT=9V,IOUTSET=2A
2
2.3
A
VOUT=12V,IOUTSET=1.5A
1.5
1.8
A
Light Load Current
ILIGHT_LOAD
RDS_PATH=10mΩ,VOUT=5V
40
60
80
mA
RDS_PATH=10mΩ,
VOUT=9V/12V
20
40
60
mA
Light Load Time
tLIGHT_LOAD
Single Port
28
32
40
S
Multiple Ports
12
16
20
S
Quiescent Current
IQ
VBAT=3.7V
40
50
65
uA
Wire Drop Compensation
VOUT_WDC
0A<IOUT<1A
0
mV
1A<IOUT<2A
30
50
70
mV
IOUT>2A
80
100
120
mV
Switching Frequency
FBST
350
400
450
KHz
Thermal Regulation Threshold
TREGU_BST
100
115
130
℃
Type-C
CC Current Source
ICC_SOURCE
Power Level=3.0A
310
330
350
uA
CC Termination Resistor
RD
4.9
5.1
5.3
kΩ
BC1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com