Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6208 Datasheet(PDF) 10 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6208
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6208 Datasheet(HTML) 10 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6208 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 13Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 14Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SW6208
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS046_v1.5
10
SW6208 powers off.
The switching charger integrates over time protection. When charging remains in trickle charge beyond
the trickle charge over time, tTC_OT, or charging remains in constant current charge beyond the constant
current charge over time, tCC_OT, charger will terminate. Charger will restart only when re-inserting the
adapter.
9.2. Boost Mode
The SW6208 integrates a synchronous boost with output power up to 22.5W and efficiency is up to
95%.
The synchronous boost works in PSM/PWM mode. It works in PSM mode when in light load and in
PWM mode in heavy load to make a better efficiency. It will automatically change in these two modes
base on output current.
The synchronous boost supports CC/CV mode. When output current is lower than CC limited current,
output voltage will keep constant. When output current reaches CC limited current, output voltage will
drop to keep output current constant. The CC limited current value is set according to the output voltage.
The higher the output voltage, the lower CC limited current value.
The synchronous boost has battery temperature protection. When battery temperature is
abnormal,boost will stop to protect battery. While using a typical NTC thermistor of 103AT, When
battery temperature is higher than 60℃ or lower than -20℃, boost will stop and turn off. When battery
temperature enters into normal range, boost will not automatically restart except a start condition such
as short key or load detect occur. Resisters can be in series or parallel with the NTC thermistor to
change the protection temperature range.
The synchronous boost integrates thermal regulation. When die temperature rises to boost thermal
regulation threshold, output voltage will automatically fall down so as die temperature stop increasing.
If die temperature still rises to thermal shutdown threshold, boost will stop and turn off. When die
temperature falls to thermal shutdown hysteresis, boost will not automatically restart except a start
condition such as short key or load detect occur.
The synchronous boost integrates input under voltage, output over voltage, output overload and short
protection.
9.3. Power Path
The SW6208 supports Type-A1+Type-A2+Micro-B+Type-C+Lightning. Type-A1 and Type-A2 port
supports QC3.0/QC2.0/AFC/FCP/SCP/PE2.0/PE1.1/SFCP fast charge output. Type-C port supports
PPS/PD3.0/PD2.0/
QC4+/QC3.0/QC2.0/AFC/FCP/SCP/PE2.0/PE1.1/SFCP
fast
charge
output,
and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com