Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6208 Datasheet(PDF) 9 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6208
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6208 Datasheet(HTML) 9 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6208 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 13Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SW6208
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS046_v1.5
9
rises to target charge voltage, charger enters into constant voltage charge while charge current falls
so as battery voltage stays to target voltage. When charge current falls to termination charge current,
charge cycle completes and charger stops. When battery voltage is lower than recharge threshold,
charger automatically restarts.
VTC
VBAT_FULL
ITC
IEND
ICC
Trickle
charge
CC
charge
CV
charge
The battery target voltage can be set by FLED/BSET pin. When FLED/BSET is pulled up to VCC with
a 10KΩ resister, 4.2V is set; when selecting a 15KΩ resister, 4.35V is set; when selecting a 5.6KΩ
resister, 4.4V is set; when selecting a 3KΩ resister, 4.5V is set.
The charge current in input current varies with input voltage, while battery current is up to 5A. When
input voltage is 5V, input charge current is set to 2A for Micro-B and Lightning port, and 3A for Type-
C port. When input voltage is 9V, input charge current is set to 2A. When input voltage is 12V, input
charge current is set to 1.5A.
The switching charger has battery temperature protection and support JEITA. It monitors battery
temperature by measuring the voltage of NTC pin which connects to a negative temperature coefficient
(NTC) thermistor. When battery temperature is abnormal,charger will reduce charge current, reduce
target charge voltage or stop to protect battery.While using a typical NTC thermistor of 103AT, When
battery temperature is lower than 5℃, charger will reduce charge current by half; When battery
temperature continues to fall to lower than 0℃, charger will stop; When battery temperature rises to
5℃, charger will restart and reduce charge current by half; When battery temperature continues to rise
to higher than 10℃, charge current will return to normal; When battery temperature is higher than
45℃, charger will reduce target charge voltage by 0.1V; When battery temperature continues to rise
to higher than 50℃, charger will stop; When battery temperature falls to 45℃, charger will restart and
reduce target charge voltage by 0.1V; When battery temperature continues to fall to lower than 40℃,
target charge voltage will return to normal. Resisters can be in series or parallel with the NTC
thermistor to change the protection temperature range. JEITA function can be disabled if not needing.
The switching charger integrates thermal regulation. When die temperature rises to the charge thermal
regulation threshold, charge current will automatically fall down so the die temperature stops
increasing. If temperature continues rising to thermal shutdown temperature, charger will stop and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com