Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6208 Datasheet(PDF) 8 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6208
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6208 Datasheet(HTML) 8 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6208 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SW6208
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS046_v1.5
8
DP/DM Voltage
DP
Apple 2.4A Mode
2.55
2.7
2.85
V
DM
Apple 2.4A Mode
2.55
2.7
2.85
V
PE
Current Threshold
IREF
150
250
350
mA
Quit Time
tPLUG_OUT
160
200
240
mS
LED
Segment Source Current
ISEG
6
10
14
mA
LED Source Current
ILED
2
4
6
mA
LED Flicker Frequency
fLED
0.8
1
1.2
Hz
WLED
WLED Resistor
RWLED
10
20
30
Ω
KEY
Short Key Time
TSHORT
24
32
500
mS
Long Key Time
TLONG
1.5
2
3
S
Double Short Key
TDOUBLE
Longest Time For Two Short
Key Happen
1.2
1.5
1.8
S
I2C
Rate
fCLK
100
400
Kbit/S
Thermal Shutdown
Thermal Shutdown Threshold
TSHDT
Temperature Rising
135
150
165
℃
Thermal Shutdown Hysteresis
TSHDT_HYS
Temperature Falling
55
70
85
℃
9. Functional Description
9.1. Charge Mode
The SW6208 integrates a switching charger with efficiency is up to 96%. The switching charger
supports 4.2V/4.35V/4.4V/4.5V battery voltage. Its switching frequency is up to 400KHz, so a small
size inductor with inductance of 2.2uH can be used.
The switching charger charges battery in three charge phases: trickle charge(TC), constant current
charge(CC) and constant voltage charge(CV). When battery voltage is lower than 3V, charger enters
into trickle charge while the charge current is small current. When battery voltage rises to 3V, charge
enters into constant current charge while charge current is fast charge current. When battery voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com