Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6208 Datasheet(PDF) 5 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6208
Description  Total Solution Include PD for Bidirectional Fast Charge Power Bank
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6208 Datasheet(HTML) 5 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW6208 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6208 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SW6208
Bidirectional Fast Charge Power Bank
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS046_v1.5
5
6. Absolute Maximum Ratings
Parameters
Symbol
MIN
MAX
UNIT
Input Voltage
VBUSB/VBUSC/VBUSL
-0.3
16
V
Output Voltage
VOUT/VOUTSP/VOUTSN/
VOUTA1/VOUTA2/VOUTC/
VBUSA1/VBUSA2/VBUSC
-0.3
16
V
SW Voltage
SW
-0.3
16
V
BST Voltage
BST-SW
-0.3
6
V
Power Path Control
Voltage
GATEA1/GATEA2/GATEB/
GATEC/GATEL
-0.3
21
V
CC1/CC2/CCL
Voltage
CC1/CC2/CCL
-0.3
16
Other Pin Voltage
-0.3
6
V
Junction Temperature
-40
+150
°C
Storage Temperature
Range
-60
+150
°C
ESD(HBM)
-4
+4
KV
【
Notice】Stresses beyond those listed under absolute maximum ratings may cause permanent
damage to the device. These are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect
device reliability.
7. Recommended Operating Conditions
Parameters
Symbol
MIN
Typical
MAX
UNIT
Input Voltage
VBUSB/VBUSC/VBUSL
4.5
13.5
V
Battery Voltage
BAT
2.8
4.5
V
8. Electrical Characteristics
(VIN = 5V, VBAT = 3.7V, TA = 25°C, unless otherwise specified.)
Parameters
Symbol
Test Conditions
MIN
TYP
MAX
UNIT
Power Supply
VBUSB/VBUSC/VBUSL
Input Voltage
VBUSB/C/L
VBUSB/VBUSC/VBUSL
4
13.5
V
VBUSB/VBUSC/VBUSL
Input UVLO Threshold
VBUSB/C/L_UVLO
VBUSB/VBUSC/VBUSL
Voltage Falling
3.9
4
4.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com