Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6246 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6246
Description  12V VOICE COIL MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6246 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6246 Datasheet HTML 4Page - STMicroelectronics L6246 Datasheet HTML 5Page - STMicroelectronics L6246 Datasheet HTML 6Page - STMicroelectronics L6246 Datasheet HTML 7Page - STMicroelectronics L6246 Datasheet HTML 8Page - STMicroelectronics L6246 Datasheet HTML 9Page - STMicroelectronics L6246 Datasheet HTML 10Page - STMicroelectronics L6246 Datasheet HTML 11Page - STMicroelectronics L6246 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
L6246
PQFP44
10
8
9
12
13
1K
100nF
ERR-
ERR_OUT
SENSE_OUT
1M
1K
1K
10K
VIN_OUT
VIN-
14
VIN+
10K
10K
10K
VCC/2
VREF
VCTL
15
VCC/2
34
7,35,43
CPGND
GND
Rs 0.2
LL
RL
VOICE COIL
MOTOR
OUT_
SENSE_IN-
SENSE_IN+
OUT+
42
6
5
36
VDD
100nF
VDD
18
22
µF
100nF
VCC
V
CC
VCC
V
CC
GATE DRV
19
41
37
44
27
G
S
D
V
BEMF
FROM SPINDLE
DRIVER
100nF
40
28
R
PARK
VCP
P322
1
µF
51K
26
12SEPT
(*)
25
5S
SEPT
(*)
10nF
C1
C2
38
39
21
5VREF
24
5VREFGND
5VREF
GND
22
12SEPT
1
µF
3
5SSEPT
1
µF
AE W GATE
MOTOR START
THERMAL SHTD
POR
17
16
4
20
32
ENABLE
30
VCM PARK
31
SPINDLE START
29
W GATE
2
FILTER_CAP
10.5V
INT.REG.
(*)
D95IN268
FILTER CAPACITORS TO BE SET IN APPLICATION
Typical Application Circuit
20K
2K
2K
VCC/2 + 10VSENSE
20K
V
CC/2
V
CC/2
SENSE
AMPL.
R1
ERROR
AMPL.
-
+
RC (=R1)
VCC/2 - (RA-RB) VIN
RA
RB
RB
RA
INPUT
AMPL.
-
+
R2
R3
C
VIN
V
SENSE
VCC/2
17.5K
1.1K
VCC/2
16.5K
VCC/2
VCC/2 + (RA/RB) (ZC/RC) VIN-10 (ZC/R1) VSENSE
-+
R
S
RL
LL
LOAD
VL
POWER
AMPL.
POWER
AMPL.
1.1K
Z
C
VL=32 ( (ZC/RC) VIN - 10 (Z
C/R1) VSENSE )
=ACPW *ACERR (ACIMP * VIN -ACSENSE *VSENSE )
D95IN269B
TO SENSE
AMPLIFIER +
-
-
+
-
+
-
+
Current Control Loop Circuit
L6246
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com