Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6246 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6246
Description  12V VOICE COIL MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6246 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6246 Datasheet HTML 4Page - STMicroelectronics L6246 Datasheet HTML 5Page - STMicroelectronics L6246 Datasheet HTML 6Page - STMicroelectronics L6246 Datasheet HTML 7Page - STMicroelectronics L6246 Datasheet HTML 8Page - STMicroelectronics L6246 Datasheet HTML 9Page - STMicroelectronics L6246 Datasheet HTML 10Page - STMicroelectronics L6246 Datasheet HTML 11Page - STMicroelectronics L6246 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
If Now We Define:
#3
Aloop
= ACPW
⋅ ACERR ⋅ ACSENSE ⋅
RS
RS
+ ZL
we obtain:
#4
IL
VIN
=
Aloop
⋅
ACINP
ACSENSE
⋅
1
RS
1
+ Aloop
Atlowfrequencyis:
Aloop
= 32 ⋅
R2
R1
⋅ 10 ⋅
RS
(RS + ZL)
if R2 = 1M, R1 = 1K, RS = 0.2, RL =7
then Aloop = 8889 = 80dB.
Being Aloop very high we can simplify the #4 in
this way:
IL
VIN
=
ACINP
ACSENSE
⋅
1
RS
=
1
10
⋅ 0.2
=
1
2
For the stability we have to study the stability of
Aloop, that as we can see from the #3 is a multi-
plication, so in dB is a sum:
Aloop | dB =ACPW | dB+ACERR | dB+ACSENSE |
dB
+
RS
RS + ZL
dB
So we can take in consideration the BODE dia-
grams of the each operational amplifier, with par-
ticular attention to the Error amplifier.
1)The Power amplifier is actually composed by
two operational amplifiers in the way to have
a gain of +16 and -16 (in voltage) respec-
tevely, for a total of 32 = 30dB.
The point at -3dB is around 130KHz.
2)The Sense amplifier has a gain of 20dB with
the point at -3dB around 210KHz.
3)The load introduce an attenuationof:
20log
RS
RS
+ RL
= -31dB with RS = 0.2 and RL =7
and its pole is at frequency
1
2
π L
(RS + RL
)
so around 1KHz if L = 1.2mH.
So considering:
Ax | dB = Aloop | dB ACERR | dB ACPW |
dB+ACSENSE | dB +
RS
RS
+ RL
dB
we have these Bode diagrams:
As can be easily see the bandwith is narrow and
the gain is low. It is possible to increase both
choosing an appropriate compensation of the Er-
ror amplifier.
The total bandwith should be, of course, at least a
decade lower of the 130KHz to avoid instability
problem. The bandwith guaranteed by the Error
amplifier has a Gmax of 80dB and a gain of 0dB
at 1MHz approximately, the real is some dB more
with a larger bandwith.
ACPW
30dB
130KHz
ACSENSE
20dB
210KHz
-31dB
LOAD
AX
19dB
1K
10K
100K
D95IN270A
L6246
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com