Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6246 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6246
Description  12V VOICE COIL MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6246 Datasheet(HTML) 5 Page - STMicroelectronics

  L6246 Datasheet HTML 1Page - STMicroelectronics L6246 Datasheet HTML 2Page - STMicroelectronics L6246 Datasheet HTML 3Page - STMicroelectronics L6246 Datasheet HTML 4Page - STMicroelectronics L6246 Datasheet HTML 5Page - STMicroelectronics L6246 Datasheet HTML 6Page - STMicroelectronics L6246 Datasheet HTML 7Page - STMicroelectronics L6246 Datasheet HTML 8Page - STMicroelectronics L6246 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC_POR_T_R
Logic supply POR thereshold
Resistance
10
K
Ω
I_POR_O
POR output current drive
4
mA
LOGIC INTERFACE VOLTAGE LEVEL (All digital inputs are CMOS compatible)
Voh
CMOS high level output voltage
Iout = 1.0mA
4.10
V
Vol
CMOS low level output voltage
Iout = 1.0mA
0.40
V
Vih
TTL high level input voltage
2
V
Vil
TTL low level input voltage
0.80
V
5V REFERENCE GENERATOR
Vref
Voltage reference at Power On
4.75
5.00
5.25
V
Drift
Drift from Power On
-2
+2
%
loref
Current output
10
mA
INPUT AMPLIFIER
Vi
Input voltage range
Vref (-)
Vref (+)
V
Vcm
Input common mode voltage
range
0
5.00
V
Vds
Input differential voltage swing
-5
+5
V
Vos
Input offset voltage
-5
+5
mV
Ib
Input Bias current
-500
+500
nA
Gv
Open Loop voltage Gain
80
dB
SR
Output slew rate
0.6
V/
µs
GBW
Gain bandwidth product
1
MHz
PSRR
Power supply rejection ratio
80
dB
Vo
Output voltage swing
9
V
ERROR AMPLIFIER
Vi
Input voltage range
VCC/2
-0.5
VCC/2
+0.5
V
Vos
Input offset voltage
-5
+5
mV
Ib
Input Bias current
-500
+500
nA
Gv
Open Loop voltage Gain
80
dB
SR
Output slew rate
0.6
V/
µs
GBW
Gain bandwidth product
1
MHz
PSRR
Power supply rejection ratio
80
dB
Vo
Output voltage swing
VCC/2
-2Vbe
VCC/2
+2Vbe
V
SENSE AMPLIFIER
Vi
Input voltage range
Gnd
Vcc
V
Vos
Input offset voltage
-6
+6
mV
Ii
Input sink and source current
-1.5
+1.5
mA
PSRR
Power supply rejection ratio
50
dB
Gv
Vloltage gain
9.9
10
10.1
V/V
Rin
Differential input resistance
3
K
Ω
GBW
Gain bandwidth product
1
MHz
Vli
Linear differential input voltage
range
Gv = 10(V/V)
-0.35
+0.55
V
CMRR
Common mode rejection ratio
56
dB
L6246
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com