Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6246 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6246
Description  12V VOICE COIL MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6246 Datasheet(HTML) 1 Page - STMicroelectronics

  L6246 Datasheet HTML 1Page - STMicroelectronics L6246 Datasheet HTML 2Page - STMicroelectronics L6246 Datasheet HTML 3Page - STMicroelectronics L6246 Datasheet HTML 4Page - STMicroelectronics L6246 Datasheet HTML 5Page - STMicroelectronics L6246 Datasheet HTML 6Page - STMicroelectronics L6246 Datasheet HTML 7Page - STMicroelectronics L6246 Datasheet HTML 8Page - STMicroelectronics L6246 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
L6246
12V VOICE COIL MOTOR DRIVER
12V (
±10%) OPERATION
3A MAXIMUM CURRENT CAPABILITY
0.3
Ω MAXIMUM ON RESISTANCE OF EACH
POWER DMOS AT
A JUNCTION
TEM-
PERATAURE OF 25
°C
CLASS AB POWER AMPLIFIERS
LOGIC AND POWER SUPPLY MONITOR
POWER ON RESET
PARKING FUNCTION WITH SELECTABLE
RETRACT VOLTAGE AND DYNAMIC BRAKE
BEFORE PARKING
ENABLE FUNCTION
GATE DRIVER FOR EXTERNAL BLOCKING
N-MOSFET
OVERTEMPERATURE PROTECTION
OVERTEMPERATURE WARNING OUTPUT
PQFP44 PACKAGE
DESCRIPTION
The voice coil driver L6246 is a linear power am-
plifier designed to drive single phase bipolar DC
motors for hard disk drive applications. The de-
vice contains a selectable transconductance loop,
which allows high precision for head positioning.
The power stage is composed of 2 power amplifi-
ers, in AB class, with 4 DMOSs, with Rdson of
0.5
Ω (Sink+Source) maximum, in a H-bridge con-
figuration. Drive voltage for the upper DMOS
FETs is provided by a charge pump circuit to en-
sure low Rdson.
Automatic brake and parking of the head actuator
is performed by logic or when a failure condition
is detected by power supply monitors. An external
resistor programs the parking voltage that en-
ables the head retract. In addition, a 5V stable
output is provided for the external usage, and a
gate driver circuit enables an external power sup-
ply isolation N-MOSFET.
This device is built in BCD II technology allowing
dense digital circuitry to be combined with high
power bipolar power devices and is assembled in
PQFP44.
February 1998
PQFP44 (10x10)
MULTIPOWER BCD TECHNOLOGY
1/12


Similar Part No. - L6246

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L624 CRYDOM-L624 Datasheet
585Kb / 4P
Power Modules
logo
Agilent(Hewlett-Packard...
L6241306 HP-L6241306 Datasheet
197Kb / 2P
Portable Helium Leak Detector
L6241306 HP-L6241306 Datasheet
197Kb / 2P
Portable Dry Helium Leak Detector
L6241306 HP-L6241306 Datasheet
214Kb / 2P
Mobile Helium Leak Detector
L6241306 HP-L6241306 Datasheet
214Kb / 2P
Mobile Helium Leak Detector
More results

Similar Description - L6246

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
VOICE COIL MOTOR DRIVER
Nov-1991
L6243 STMICROELECTRONICS-L6243 Datasheet
113Kb / 12P
VOICE COIL MOTOR DRIVER
Jul-1996
L6243DS STMICROELECTRONICS-L6243DS Datasheet
91Kb / 8P
VOICE COIL MOTOR DRIVER
Feb-1998
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
Voice coil motor driver
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
VOICE COIL MOTOR DRIVER
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
VOICE COIL MOTOR DRIVER
logo
Fairchild Semiconductor
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
12V Spindle Motor and Voice Coil Motor Driver
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
VOICE COIL MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
12V Spindle Motor and Voice Coil Motor Driver
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
12V Spindle Motor and Voice Coil Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com