Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6246 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6246
Description  12V VOICE COIL MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6246 Datasheet(HTML) 3 Page - STMicroelectronics

  L6246 Datasheet HTML 1Page - STMicroelectronics L6246 Datasheet HTML 2Page - STMicroelectronics L6246 Datasheet HTML 3Page - STMicroelectronics L6246 Datasheet HTML 4Page - STMicroelectronics L6246 Datasheet HTML 5Page - STMicroelectronics L6246 Datasheet HTML 6Page - STMicroelectronics L6246 Datasheet HTML 7Page - STMicroelectronics L6246 Datasheet HTML 8Page - STMicroelectronics L6246 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vpow. max.
Maximum supply voltage
15
V
Vdigitalmax.
Maximum supply voltage
7
V
Vin max.
Maximum input voltage
Vdigital
±0.3
V
Vin min.
Minimum input voltage
GND - 0.3
V
Ipeak
Peak sink/source output current
3
A
Idc
DC sink/source output current
1.7
A
Ptot
Maximum total power dissipation
≅1.7
W
Top
Operative temperature range
0 to 80
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal resistance junction to case
≅20
°C/W
Rth j-amb
Thermal resistance junction to ambient mounted on standard PCB (*)
≅66
°C/W
Rth j-amb
Thermal resistance junction to ambient mounted on PCB (**)
≅35
°C/W
(*) Standard board construction: single layer (1S 0P); size 100mm long by 100mm wide.
(**) The board construction includes: a 6 layer board (2S 4P, with power planes
≅80%); size 136mm long by 99mm wide; package location
near middle point of lenght and one third of width.
PIN FUNCTIONS
Pin
Name
Description
1
N.C.
Not Connected.
2
Filter_cap
Filter capacitor for 10V internal regulator. The capacitor is optional.
3
Brake Delay
Voice Coil Motor brake delay capacitor.
4
-Thermal SD
Pre Thermal Shut Down indication Output.
5
Sense_in+
Non inverting Input of Sense Amplifier.
6
Sense_in-
Inverting Input of Sense Amplifier.
7
Gnd
Ground.
8
Err_out
Error Amplifier Output.
9
Err-
Inverting Input of Error Amplifier.
10
Sense_out
Output of Sense Amplifier.
11
N.C.
Not Connected.
12
Vin_out
Output of Input Amplifier.
13
Vin-
Inverting Input of Input Amplifier.
14
Vin+
Non inverting Input of Input Amplifier.
15
+Vcc/2
Half Supply Voltage reference.
16
+Motor start
Motor start Output to Spindle Controller.
17
-AE_W_Gate
Write Gate Output to AE.
18
+Vdd
+5V Supply.
19
+Vcc
+12V Supply.
20
-POR
Power On Reset. Low will signal the failure of the logic supply or 12V supply
21
+5V Ref
+5V Reference Output from the Voltage Reference Regulator.
22
T_cap
Power On Reset Timing Capacitor. The capacitor sets the POR delay.
23
N.C.
Not Connected.
24
+5V Ref Gnd
Ground for Voltage Reference Generator.
25
+5Setpt
+5V Monitor Set Point and filtering
L6246
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com