Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6246 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6246
Description  12V VOICE COIL MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6246 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6246 Datasheet HTML 4Page - STMicroelectronics L6246 Datasheet HTML 5Page - STMicroelectronics L6246 Datasheet HTML 6Page - STMicroelectronics L6246 Datasheet HTML 7Page - STMicroelectronics L6246 Datasheet HTML 8Page - STMicroelectronics L6246 Datasheet HTML 9Page - STMicroelectronics L6246 Datasheet HTML 10Page - STMicroelectronics L6246 Datasheet HTML 11Page - STMicroelectronics L6246 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Using the compensation network of the draw of
pag.8, we have a error amplifier transfer function
of:
VO
VI
=−
ZC
R1
=−
R2
R1
⋅
1
+ scR3
1
+ sc (R3 + R2)
so:
Gmax (DC) =
R2
R1
= 1000 = 60dB
with R1 = 1M
Ω and R2 = 1KΩ
zero =
1
2
π R3C
pole =
1
2
π(R3 + R2) C
Note: Fpole is lower than Fzero
The best choice is to cancel the pole of the load
(at around 1KHz) with the zero of the compensa-
tion.
As can be seen the choice of the pole influence
overall in fixing the gain at high frequency.
The gain at high frequency must be choosen in
order to not create instability problem, because
more higher is this gain and lower is the second
pole that we have at high frequency.
If this pole is taken close to the other that we
have already seen at 130KHz and 210KHz, insta-
bility problems can arise.
Adding together AX | dB and ACERR | dB we ob-
taine the Aloop:
So the choice of the compensation network must
be done in order to fix at the beginning the Gmax
of the error amplifier depending on the ratio
R2
R1
.
To calculate the R3 and C values satisfying the
following system:
1
2
π R3C
=
1
2
π L
RL
+ Rsense
Error amplifier zero equal to load pole
1
2
π(R3 + R2)C
=
Admissible Bandwith
Gloop
=
=
130KHz
10
8912
= 1.5Hz
This example is for crossing the 0dB one decade
before the first pole of the Power Amplifier
(130KHz), starting with a Gloop max of 79dB.
ERROR AMPL. GAIN
(dB)
40
60
20
1K
10K
100K
D95IN271
100
120
80
1
10
100
1M
10M
OPEN LOOP GAIN
ACERR (dB)
40
60
20
1K
10K
100K
D95IN272
100
120
80
1
10
100
1M
10M
CLOSED LOOP
ACERR
X
X
DIFFERENTS
POLES
EXAMPLES
X
ACERR
(dB)
20
COMPENSATION AT 3Hz
AX(dB)
19
D95IN273
40
60
ALOOP (dB)
20
40
60
79
10
100
1K
10K
100K
1M
10M
COMPENSATION AT 100Hz
IS STABLE
IS NOT STABLE
L6246
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com