Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6246 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6246
Description  12V VOICE COIL MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6246 Datasheet(HTML) 2 Page - STMicroelectronics

  L6246 Datasheet HTML 1Page - STMicroelectronics L6246 Datasheet HTML 2Page - STMicroelectronics L6246 Datasheet HTML 3Page - STMicroelectronics L6246 Datasheet HTML 4Page - STMicroelectronics L6246 Datasheet HTML 5Page - STMicroelectronics L6246 Datasheet HTML 6Page - STMicroelectronics L6246 Datasheet HTML 7Page - STMicroelectronics L6246 Datasheet HTML 8Page - STMicroelectronics L6246 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CHARGE
PUMP
GATE
DRIVER
CP_GND
GATE DRIVE
-SPINDLE
START
MOTOR
START -W_GATE
-AE
W_GATE
VCM
PARK
C1
C2
VCP
THERMAL
-THERMAL SD
VCC
+12
FILTER CAP
+
-
+
-
REF1
VDD
+5
FILTER CAP
PARKING
RPARK
REF1
VPARK
10K
10K
+5
4
µA
10K
30K
25K
20K
V
CC/2
ERR_OUT
BRAKE
CIRCUIT
+
-
+
-
+
-
+
-
VCC/2
ERROR
AMPL.
+
-
VBEMF
REF. VOLT.
GENERATOR
SENSE
AMPLIFIER
SENSE_
OUT
SENSE
_IN-
SENSE
_IN+
VCC/2
ERR-
+5V REF
+5V REF_GND
REF1
INPUT
AMPLIFIER
VIN-
VIN+
VIN_OUT
-POR
BRAKE DELAY
VCC
OUT+
GND
VCC
OUT-
GND
D95IN242B
POWER AMPLIFIERS
T_CAP
+
-
BLOCK DIAGRAM
1
2
3
5
6
4
7
8
9
10
17
11
18 19 20 21 22
44 43 42 41
39
40
38 37 36 35 34
28
27
26
24
23
25
33
32
31
29
30
SENSE-IN-
SENSE-IN+
-THERMAL SD
FILTER_CAP
N.C.
BRAKE DELAY
N.C.
SENSE-OUT
ERR-
GND
ERR-OUT
RPARK
VBEMF
+12SETPT
+5V REF_GND
N.C.
+5SETPT
N.C.
ENABLE
-SPINDLE START
-W_GATE
VCM PARK
D95IN241B
12 13 14 15 16
PIN CONNECTION (Top view)
L6246
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com