Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6246 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6246
Description  12V VOICE COIL MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6246 Datasheet(HTML) 4 Page - STMicroelectronics

  L6246 Datasheet HTML 1Page - STMicroelectronics L6246 Datasheet HTML 2Page - STMicroelectronics L6246 Datasheet HTML 3Page - STMicroelectronics L6246 Datasheet HTML 4Page - STMicroelectronics L6246 Datasheet HTML 5Page - STMicroelectronics L6246 Datasheet HTML 6Page - STMicroelectronics L6246 Datasheet HTML 7Page - STMicroelectronics L6246 Datasheet HTML 8Page - STMicroelectronics L6246 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS (Tj =25
°C, Vdd = 5V, Vcc = 12V; unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vcc
Analog/Power supply voltage
range
10.8
12
13.2
V
Vdd
Digital supply voltage range
4.5
5
5.5
V
Idd
Digital supply quiescent current
Output ENABLED
5
mA
Idd
Digital supply quiescent current
Output DISABLED
5
mA
Icc
Power supply quiescent current
Output ENABLED
20
mA
Icc
Power supply quiescent current
Output DISABLED
10
mA
THERMAL SHUT DOWN DATA
Th_SD
Shut down Temperature
135
160
°C
Th_SD_H
Shut down hysteresys
25
°C
Th_Warn
Pre Shut down alarm
115
140
°C
Pre Shut down alarm hysteresys
15
°C
EXTERNAL N-MOSFET GATE DRIVER
Vll
Low level voltage
500
mV
Vhl
High level voltage
Vcc+4
V
Isink
Current sinking capability
4
mA
Isource
Current source capability
0.5
mA
POWER ON RESET AND GATE SPECIFICATION
Vdd_und_th
Digital undervoltage threshold
3.8
4.1
4.45
V
Vcc_und_th
Power undervoltage threshold
8.5
9.25
10.0
V
POR_to
POR timeout
Cpor = 1
µF
375
500
625
ms
POR_delay
Time delay for POR Active
1
µs
Vdd_POR_T_R
Power supply POR thereshold
Resistance
10
K
Ω
PIN FUNCTIONS (continued)
Pin
Name
Description
26
+12Setpt
+12V Monitor Set Point and filtering
27
Vbemf
Input BEMF from spindle motor for parking circuit.
28
Rpark
Resistor for setting the park voltage.
29
-W_Gate
Write Gate Input.
30
+VCM park
External input for parking. High will activate the park procedure.
31
-Spindle_start
Spindle Start input.
32
+Enable
Input. logic low will disable only the IC.
33
N.C.
Not Connected.
34
Cpgnd
Charge Pump Ground.
35
Gnd
Ground.
36
Out+
Power Amplifier Output.
37
Vcc
+12V Power Supply.
38
C1
Charge Pump Oscillator Output.
39
C2
Input for external Charge Pump Capacitor.
40
Vcp
Output for Charge Pump Storage Capacitor.
41
Vcc
+12V Power Supply.
42
Out-
Power Amplifier Output.
43
Gnd
Ground.
44
Gate Drive
Gate Drive for External Isolation N-MOSFETS.
L6246
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com