Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6917B Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6917B
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6917B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6917B Datasheet HTML 5Page - STMicroelectronics L6917B Datasheet HTML 6Page - STMicroelectronics L6917B Datasheet HTML 7Page - STMicroelectronics L6917B Datasheet HTML 8Page - STMicroelectronics L6917B Datasheet HTML 9Page - STMicroelectronics L6917B Datasheet HTML 10Page - STMicroelectronics L6917B Datasheet HTML 11Page - STMicroelectronics L6917B Datasheet HTML 12Page - STMicroelectronics L6917B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9/33
L6917B
Digital to Analog Converter
The built-in digital to analog converter allows the adjustment of the output voltage from 1.100V to 1.850V with
25mV as shown in the previous table 1. The internal reference is trimmed to ensure the precision of 0.8% and
a zero temperature coefficient around 70°C. The internal reference voltage for the regulation is programmed by
the voltage identification (VID) pins. These are TTL compatible inputs of an internal DAC that is realized by
means of a series of resistors providing a partition of the internal voltage reference. The VID code drives a mul-
tiplexer that selects a voltage on a precise point of the divider. The DAC output is delivered to an amplifier ob-
taining the VPROG voltage reference (i.e. the set-point of the error amplifier). Internal pull-ups are provided
(realized with a 5
µA current generator up to 3.3V max); in this way, to program a logic "1" it is enough to leave
the pin floating, while to program a logic "0" it is enough to short the pin to GND. VID code “11111” programs
the NOCPU state: all mosfets are turned OFF and the condition is latched.
The voltage identification (VID) pin configuration also sets the power-good thresholds (PGOOD) and the over-
voltage protection (OVP) thresholds.
Soft Start and INHIBIT
At start-up a ramp is generated increasing the loop reference from 0V to the final value programmed by VID in
2048 clock periods as shown in figure 2.
Before soft start, the lower power MOS are turned ON after that VCCDR reaches 2V (independently by Vcc value)
to discharge the output capacitor and to protect the load from high side mosfet failures. Once soft start begins,
the reference is increased; when it reaches the bottom of the oscillator triangular waveform (1V typ) also the
upper MOS begins to switch and the output voltage starts to increase with closed loop regulation.. At the end of
the digital soft start, the Power Good comparator is enabled and the PGOOD signal is then driven high (See fig.
2). The Under Voltage comparator enabled when the reference voltage reaches 0.8V.
The Soft-Start will not take place, if both VCC and VCCDR pins are not above their own turn-on thresholds. Dur-
ing normal operation, if any under-voltage is detected on one of the two supplies the device shuts down.
Forcing the OSC/INH/FAULT pin to a voltage lower than 0.8V the device enter in INHIBIT mode: all the power
mosfets are turned off until this condition is removed. When this pin is freed, the OSC/INH/FAULT pin reaches
the band-gap voltage and the soft start begins.
Figure 2. Soft Start
VIN=VCCDR
VLGATEx
PGOOD
VOUT
t
t
t
t
2V
Turn ON threshold
2048 Clock Cycles
Timing Diagram
Acquisition:
CH1 = PGOOD; CH2 = VOUT; CH4 = LGATEx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com