Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6917B Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6917B
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6917B Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6917B Datasheet HTML 24Page - STMicroelectronics L6917B Datasheet HTML 25Page - STMicroelectronics L6917B Datasheet HTML 26Page - STMicroelectronics L6917B Datasheet HTML 27Page - STMicroelectronics L6917B Datasheet HTML 28Page - STMicroelectronics L6917B Datasheet HTML 29Page - STMicroelectronics L6917B Datasheet HTML 30Page - STMicroelectronics L6917B Datasheet HTML 31Page - STMicroelectronics L6917B Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
L6917B
28/33
Efficiency
Figure 24 showes the system efficiency for output current ranging form 5A up to 50A.
Figure 24. Efficiency (fosc = 200kHz; Vout = 1.7V)
C2
47n
SMD 0805
C3, C4
100n
Ceramic
SMD 0805
C5, C6, C7, C8
1
µ
Ceramic
SMD 1206
C9, C10
10
µ
Ceramic
SMD 1206
C11 to C13
1800
µ/ 16V
Rubycon MBZ
Radial 10x10.5
C14 to C23
2200
µ/ 6.3V
Rubycon MBZ
Radial 10x10.5
Ca
68n
SMD 0805
L1, L2
0.5
µ
77121 Core – 3 Turns
U1
L6917B
STMicroelectronics
SO28
Q1,Q1a, Q3,Q3a
SUB85N03-04P
Vishay - Siliconix
D2PACK
Q2, Q4
SUB70N03-09BP
Vishay - Siliconix
D2PACK
D1, D2
STPS340U
STMicroelectronics
SMB
D3, D4
1N4148
STMicroelectronics
SOT23
Part List (continued)
75
77
79
81
83
85
87
89
0
5
10
15
20
25
30
35
40
45
50
55
Output Current [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com