Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6917B Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6917B
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6917B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6917B Datasheet HTML 14Page - STMicroelectronics L6917B Datasheet HTML 15Page - STMicroelectronics L6917B Datasheet HTML 16Page - STMicroelectronics L6917B Datasheet HTML 17Page - STMicroelectronics L6917B Datasheet HTML 18Page - STMicroelectronics L6917B Datasheet HTML 19Page - STMicroelectronics L6917B Datasheet HTML 20Page - STMicroelectronics L6917B Datasheet HTML 21Page - STMicroelectronics L6917B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
L6917B
18/33
–ZF(s) is the compensation network impedance;
–ZL(s) is the parallel of the two inductor impedance;
– A(s) is the error amplifier gain;
–
· is the ACM PWM transfer function where DVosc is the oscillator ramp amplitude
and has a typical value of 2V
Removing the dependence from the Error Amplifier gain, so assuming this gain high enough, the control loop
gain results:
With further simplifications, it results:
Considering now that in the application of interest it can be assumed that Ro>>RL; ESR<<Ro and
RDROOP<<Ro, it results:
The ACM control loop gain is designed to obtain a high DC gain to minimize static error and cross the 0dB axes
with a constant -20dB/dec slope with the desired crossover frequency
ωT. Neglecting the effect of ZF(s), the
transfer function has one zero and two poles. Both the poles are fixed once the output filter is designed and the
zero is fixed by ESR and the Droop resistance. To obtain the desired shape an RF-CF series network is consid-
ered for the ZF(s) implementation. A zero at ωF=1/RFCF is then introduced together with an integrator. This in-
tegrator minimizes the static error while placing the zero in correspondence with the L-C resonance a simple -
20dB/dec shape of the gain is assured (See Figure 12). In fact, considering the usual value for the output filter,
the LC resonance results to be at frequency lower than the above reported zero.
Figure 12. ACM Control Loop Gain Block Diagram (left) and Bode Diagram (right)
Compensation network can be simply designed placing
ωZ = ωLC and imposing the cross-over frequency ωT as
desired obtaining:
PWM
4
5
---
V
IN
∆
V
OSC
∆
-------------------
⋅
=
G
LOOP s
()
4
5
---
V
IN
V
OS C
∆
-------------------
Z
F s
()
Z
P s
() Z
L s
()
+
------------------------------------
Rs
Rg
--------
Z
P s
()
R
FB
---------------
+



⋅⋅
⋅
–
=
G
LOO P s
()
4
5
---
V
IN
V
OSC
∆
-------------------
Z
F s
()
R
FB
---------------
Ro
R
DROOP
+
Ro
R
L
2
-------
+
--------------------------------------
1s Co
R
DROOP//Ro
ESR
+
()
⋅
⋅
+
s
2
Co
L
2
---
s
L
2R o
⋅
---------------
Co ESR
Co
R
L
2
-------
⋅
+
⋅
+
1
+
⋅
+
⋅
⋅
----------------------------------------------------------------------------------------------------------------------------------
⋅⋅
⋅
⋅
–
=
G
LOO P s
()
4
5
---
V
IN
V
OSC
∆
-------------------
Z
F s
()
R
FB
---------------
1s Co
R
DROOP
ESR
+
()
⋅
⋅
+
s
2
Co
L
2
---
s
L
2Ro
⋅
---------------
Co ESR
Co
R
L
2
-------
⋅
+
⋅
+
1
+
⋅
+
⋅
⋅
----------------------------------------------------------------------------------------------------------------------------------
⋅⋅
⋅
–
=
Rout
Cout
ESR
L/2
RFB
RF
CF
REF
PWM
IFB
VCOMP
VOUT
d
•VIN
ZF
dB
ω
ω
T
ω
Z
ω
LC
GLOOP
ZF(s)
K
K
4
5
---
V
IN
V
osc
∆
---------------
1
R
FB
----------
⋅⋅
dB
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com