Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6917B Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6917B
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6917B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6917B Datasheet HTML 17Page - STMicroelectronics L6917B Datasheet HTML 18Page - STMicroelectronics L6917B Datasheet HTML 19Page - STMicroelectronics L6917B Datasheet HTML 20Page - STMicroelectronics L6917B Datasheet HTML 21Page - STMicroelectronics L6917B Datasheet HTML 22Page - STMicroelectronics L6917B Datasheet HTML 23Page - STMicroelectronics L6917B Datasheet HTML 24Page - STMicroelectronics L6917B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21/33
L6917B
pins to the load in order to compensate losses along the output power traces and also to avoid the pick-up of
any common mode noise. Connecting these pins in points far from the load will cause a non-optimum load reg-
ulation, increasing output tolerance.
Current Reading: The Rg resistor has to be placed as close as possible to the ISENx and PGNDSx pins in
order to limit the noise injection into the device. The PCB traces connecting these resistors to the reading point
must be routed as parallel traces in order to avoid the pick-up of any common mode noise. It's also important
to avoid any offset in the measurement and to get a better precision, to connect the traces as close as possible
to the sensing elements, dedicated current sense resistor or low side mosfet Rdson.
Moreover, when using the low side mosfet RdsON as current sense element, the ISENx pin is practically con-
nected to the PHASEx pin. DO NOT CONNECT THE PINS TOGETHER AND THEN TO THE HS SOURCE!
The device won't work properly because of the noise generated by the return of the high side driver. In this case
route two separate nets: connect the PHASEx pin to the HS Source (route together with HGATEx) with a wide
net (30 mils) and the ISENx pin to the LS Drain (route together with PGNDSx). Moreover, the PGNDSx pin is
always connected, through the Rg resistor, to the PGND: DO NOT CONNECT DIRECTLY TO THE PGND! In
this case, the device won't work properly. Route anyway to the LS mosfet source (together with ISENx net).
Right and wrong connections are reported in Figure 15.
Symmetrical layout is also suggested to avoid any unbalance between the two phases of the converter.
Figure 15. PCB layout connections for sense nets
APPLICATION EXAMPLES
The dual-pahse topology can be applied to several different applications ranging from CPU power supply (for
which the device has been designed) to standard high current DC-DC power supply. The application benefits
of all the advantages due to the dual-phase topology ranging from output ripple reduction to dynamic perfor-
mance increase. After a general demo board overview, the following application examples will be illustrated:
– CPU Power Supply: 5 to 12 VIN; 1.7VOUT; 45A
– CPU Power Supply: 12VIN; VRM 9.0 Output; 50A
– High Current DC-DC: 12VIN; 3.3 to 5VOUTT; 35A
Demo Board Description
The demo board shows the operation of the device in a dual phase application. This evaluation board allows
output voltage adjustability (1.100V - 1.850V) through the switches S0-S4 and high output current capability.
The board has been laid out with the possibility to use up to two D
2PACK mosfets for the low side switch in order
to give maximum flexibility in the mosfet's choice.
The four layers demo board's copper thickness is of 70
µm in order to minimize conduction losses considering
the high current that the circuit is able to deliver.
Demo board schematic circuit is reported in Figure 16.
Wrong (left) and correct (right) connections for the current reading sensing nets.
NOT CORRECT
CORRECT
To PHASE
connection
VIA to GND plane
To HS Gate
and Source
To LS Drain
and Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com