Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6917B Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6917B
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6917B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6917B Datasheet HTML 16Page - STMicroelectronics L6917B Datasheet HTML 17Page - STMicroelectronics L6917B Datasheet HTML 18Page - STMicroelectronics L6917B Datasheet HTML 19Page - STMicroelectronics L6917B Datasheet HTML 20Page - STMicroelectronics L6917B Datasheet HTML 21Page - STMicroelectronics L6917B Datasheet HTML 22Page - STMicroelectronics L6917B Datasheet HTML 23Page - STMicroelectronics L6917B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
L6917B
20/33
as well as for the voltage spikes generated by the distributed inductance along the copper traces are so mini-
mized.
In fact, the further the mosfet is from the device, the longer is the interconnecting gate trace and as a conse-
quence, the higher are the voltage spikes corresponding to the gate pwm rising and falling signals. Even if these
spikes are clamped by inherent internal diodes, propagation delays, noise and potential causes of instabilities
are introduced jeopardizing good system behavior. One important consequence is that the switching losses for
the high side mosfet are significantly increased.
For this reason, it is suggested to have the device oriented with the driver side towards the mosfets and the
GATEx and PHASEx traces walking together toward the high side mosfet in order to minimize distance (see fig
14). In addition, since the PHASEx pin is the return path for the high side driver, this pin must be connected
directly to the High Side mosfet Source pin to have a proper driving for this mosfet. For the LS mosfets, the re-
turn path is the PGND pin: it can be connected directly to the power ground plane (if implemented) or in the
same way to the LS mosfets Source pin. GATEx and PHASEx connections (and also PGND when no power
ground plane is implemented) must also be designed to handle current peaks in excess of 2A (30 mils wide is
suggested).
Gate resistors of few ohms help in reducing the power dissipated by the IC without compromising the system
efficiency.
Figure 14. Device orientation (left) and sense nets routing (right)
The placement of other components is also important:
– The bootstrap capacitor must be placed as close as possible to the BOOTx and PHASEx pins to mini-
mize the loop that is created.
– Decoupling capacitor from Vcc and SGND placed as close as possible to the involved pins.
– Decoupling capacitor from VCCDR and PGND placed as close as possible to those pins. This capacitor
sustains the peak currents requested by the low-side mosfet drivers.
– Refer to SGND all the sensible components such as frequency set-up resistor (when present) and also
the optional resistor from FB to GND used to give the positive droop effect.
– Connect SGND to PGND on the load side (output capacitor) to avoid undesirable load regulation effect
and to ensure the right precision to the regulation when the remote sense buffer is not used.
– An additional 100nF ceramic capacitor is suggested to place near HS mosfet drain. This helps in reduc-
ing noise.
– PHASE pin spikes. Since the HS mosfet switches in hard mode, heavy voltage spikes can be observed
on the PHASE pins. If these voltage spikes overcome the max breakdown voltage of the pin, the device
can absorb energy and it can cause damages. The voltage spikes must be limited by proper layout, the
use of gate resistors, Schottky diodes in parallel to the low side mosfets and/or snubber network on the
low side mosfets, to a value lower than 26V, for 20nSec, at Fosc of 600kHz max.
s
Current Sense Connections.
Remote Buffer: The input connections for this component must be routed as parallel nets from the FBG/FBR
Towards HS mosfet
(30 mils wide)
Towards LS mosfet
(30 mils wide)
Towards HS mosfet
(30 mils wide)
To LS mosfet
(or sense resistor)
To regulated output
To LS mosfet
(or sense resistor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com