Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6917B Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6917B
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6917B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6917B Datasheet HTML 12Page - STMicroelectronics L6917B Datasheet HTML 13Page - STMicroelectronics L6917B Datasheet HTML 14Page - STMicroelectronics L6917B Datasheet HTML 15Page - STMicroelectronics L6917B Datasheet HTML 16Page - STMicroelectronics L6917B Datasheet HTML 17Page - STMicroelectronics L6917B Datasheet HTML 18Page - STMicroelectronics L6917B Datasheet HTML 19Page - STMicroelectronics L6917B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
L6917B
16/33
voltage, during the removal it is discharged only by the output voltage. The following expressions give approx-
imate response time for
∆I load transient in case of enough fast compensation network response:
The worst condition depends on the input voltage available and the output voltage selected. Anyway the worst
case is the response time after removal of the load with the minimum output voltage programmed and the max-
imum input voltage available.
Figure 9. Inductor ripple current vs Vout
MAIN CONTROL LOOP
The L6917B control loop is composed by the Current Sharing control loop and the Average Current Mode con-
trol loop. Each loop gives, with a proper gain, the correction to the PWM in order to minimize the error in its
regulation: the Current Sharing control loop equalize the currents in the inductors while the Average Current
Mode control loop fixes the output voltage equal to the reference programmed by VID. Figure 10 reports the
block diagram of the main control loop.
Figure 10. Main Control Loop Diagram
t
a pplic atio n
LI
∆
⋅
V
IN
V
OUT
–
------------------------------
=
t
rem ov al
LI
∆
⋅
V
OUT
---------------
=
0
1
2
3
4
5
6
7
8
9
0.5
1.5
2.5
3.5
Output Voltage [V]
L=3
µH,
Vin=12V
L=2
µH,
Vin=12V
L=1.5
µH, Vin=12V
L=2
µH,
Vin=5V
L=1.5
µH,
Vin=5V
L=3
µH, Vin=5V
L1
L2
+
+
PWM1
1/5
+
-
1/5
IINFO2
IINFO1
4/5
ZF(S)
PWM2
CO
FB
COMP
RO
ERROR
AMPLIFIER
REFERENCE
PROGRAMMED
BY VID
CURRENT
SHARING
DUTY CYCLE
CORRECTION
ZFB
D02IN1392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com