Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6917B Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6917B
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6917B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6917B Datasheet HTML 18Page - STMicroelectronics L6917B Datasheet HTML 19Page - STMicroelectronics L6917B Datasheet HTML 20Page - STMicroelectronics L6917B Datasheet HTML 21Page - STMicroelectronics L6917B Datasheet HTML 22Page - STMicroelectronics L6917B Datasheet HTML 23Page - STMicroelectronics L6917B Datasheet HTML 24Page - STMicroelectronics L6917B Datasheet HTML 25Page - STMicroelectronics L6917B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
L6917B
22/33
Figure 16. Demo Board Schematic
Several jumpers allow setting different configurations for the device: JP3, JP4 and JP5 allow configuring the
remote buffer as desired. Simply shorting JP4 and JP5 the remote buffer is enabled and it senses the output
voltage on-board; to implement a real remote sense, leave these jumpers open and connect the FBG and FBR
connectors on the demo board to the remote load. To avoid using the remote buffer, simply short all the jumpers
JP3, JP4 and JP5. Local sense through the R7 is used for the regulation.
The input can be configured in different ways using the jumpers JP1, JP2 and JP6; these jumpers control also
the mosfet driver supply voltage. Anyway, power conversion starts from VIN and the device is supplied from
VCC (See Figure 17).
Figure 17. Power supply configuration
Two main configurations can be distinguished: Single Supply (VCC = VIN = 12V) and Double Supply (VCC = 12V
VIN = 5V or different).
PGOOD
PGND
PGNDS2
ISEN2
LGATE2
VSEN
FB
PHASE2
UGATE2
BOOT2
VCC
COMP
SGND
OSC / INH
VID0
VID1
VID2
VID3
VID4
PGNDS1
ISEN1
LGATE1
PHASE1
UGATE1
BOOT1
VCCDR
6
24
25
26
27
16
15
2
5
4
3
1
13
14
22
21
20
18
19
7
28
23
10
9
8
11
12
FBR
FBG
17
C1
R7
R8
C2
R4
R3
Q3
Q4
C3
L2
C7
R10
D3
C6
C11..C13
C14,
C23
R1
JP3
R2
S1
S0
S3
S2
S4
R5
R6
Q1
L1
Q2
C4
D4
C5
Vin
GNDin
GNDCORE
VoutCORE
PGOOD
FBG
FBR
U1
L6917B
DZ1
C8
JP2
JP1
R13
R15
R12
R14
C9,C10
R9
R18
D1
R17
R16
Q1a
Q3a
D2
R19
R20
JP5
JP4
Vcc
GNDcc
JP6
Vin
GNDin
DZ1
JP2
JP1
Vcc
GNDcc
JP6
To Vcc pin
To HS Drains (Power Input)
To BOOTx (HS Driver Supply)
To VCCDR pin (LS Driver Supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com