Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6917B Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6917B
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6917B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6917B Datasheet HTML 21Page - STMicroelectronics L6917B Datasheet HTML 22Page - STMicroelectronics L6917B Datasheet HTML 23Page - STMicroelectronics L6917B Datasheet HTML 24Page - STMicroelectronics L6917B Datasheet HTML 25Page - STMicroelectronics L6917B Datasheet HTML 26Page - STMicroelectronics L6917B Datasheet HTML 27Page - STMicroelectronics L6917B Datasheet HTML 28Page - STMicroelectronics L6917B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
25/33
L6917B
CPU Power Supply: 5 to 12VIN; 1.7VOUT; 45A
Considering the high slope for the load transient, a high switching frequency has to be used. In addition to fast
reaction, this helps in reducing output and input capacitor. Inductance value is also reduced.
A switching frequency of 200kHz for each phase is then considered allowing large bandwidth for the compen-
sation network. It can be considered to use the 5V rail for the power conversion in order to allow compatibility
with standard ATX power supply.
– Current Reading Network and Over Current:
Since the maximum output current is IMAX = 45A, the over current threshold has been set to 46A (23A
per phase) in the worst case (max mosfet temperature). This because the device limits the valley of the
triangular ripple across the inductors. Considering to sense the output current across the low-side mos-
fet RdsON, STB90NF03L has 6.5m
Ω max at 25°C that becomes 9.1mΩ considering the temperature
variation (+40%); the resulting Tran conductance resistor Rg has to be:
(R3 to R6)
– Droop function Design:
Considering a voltage drop of 100mv at full load, the feedback resistor RFB has to be:
(R7)
– Inductor design:
Each phase has to deliver up to 22.5A; considering a current ripple of 5A (<25%), the resulting induc-
tance value is:
(L1, L2)
– Output Capacitor:
Five Rubycon MBZ (2200
µF / 6.3V / 12mΩ max ESR) has been used implementing a resulting ESR of 2.4mΩ
resulting in an ESR voltage drop of 45A*2.4m
Ω = 108mV after a 45A load transient.
– Compensation Network:
A voltage loop bandwidth of 20kHz is considered to let the device fast react after load transient.
The RF CF network results:
(R8)
(C2)
Rg
I
MAX
2
-------------
RdsO N
35
µ
---------------------
⋅
46
2
------
9.1m
35
µ
-------------
⋅
5.9k
Ω
==
=
R
FB
100m V
70
µA
-------------------
1.43k
Ω
==
L
Vi n
Vo ut
–
l
∆
-----------------------------
d
Fsw
-----------
⋅
12
1.7
–
5
---------------------
1.7
12
--------
1
300000
--------------------
⋅⋅
1
µH
==
=
R
F
R
FB
V
OSC
∆
⋅
V
IN
----------------------------------
5
4
---
ω
T
L
2R
DRO OP
ESR
+
()
⋅
-------------------------------------------------------
⋅⋅
⋅
1.43k 2
⋅
12
----------------------
5
4
--- 20k 2
π
1
µ
2
9.1m
5.9k
------------- 1.43k
2.4m
+
⋅


⋅
-------------------------------------------------------------------
⋅⋅
⋅
⋅
6200
Ω
==
=
C
F
Co
L
2
---
⋅
R
F
--------------------
62200
µ
1
µ
2
-------
⋅⋅
6.2k
-----------------------------------------
15 nF
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com