Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919C Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6919C
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6919C Datasheet HTML 8Page - STMicroelectronics L6919C Datasheet HTML 9Page - STMicroelectronics L6919C Datasheet HTML 10Page - STMicroelectronics L6919C Datasheet HTML 11Page - STMicroelectronics L6919C Datasheet HTML 12Page - STMicroelectronics L6919C Datasheet HTML 13Page - STMicroelectronics L6919C Datasheet HTML 14Page - STMicroelectronics L6919C Datasheet HTML 15Page - STMicroelectronics L6919C Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
L6919C
12/32
follow:
Since the current is read in differential mode, also negative current information is kept; this allow the device to
check for dangerous returning current between the two phases assuring the complete equalization between the
phase's currents. From the current information of each phase, information about the total current delivered (IFB
=IINFO1 +IINFO2) and the average current for each phase (IAVG =(IINFO1 +IINFO2)/2 ) is taken. IINFOX is then com-
pared to IAVG to give the correction to the PWM output in order to equalize the current carried by the two phases.
The transconductance resistor Rg can be designed in order to have current information of 25
µA per phase at
full nominal load; the over current intervention threshold is set at 140% of the nominal (IINFOx = 35µA). According
to the above relationship, the over current threshold (IOCPx) for each phase, which has to be placed at one half
of the total delivered maximum current, results:
Since the device senses the output current across the low-side mosfets (or across a sense resistors in series
with them) the device limits the bottom of the inductor current triangular waveform: an over current is detected
when the current flowing into the sense element is greater than IOCPx (IINFOx > 35µA).
Introducing now the maximum ON time dependence with the delivered current (where T is the switching period
T=1/fSW):
This linear dependence has a value at zero load of 0.80·T and at maximum current of 0.40·T typical and results
in two different behaviors of the device:
1. TON Limited Output Voltage.
This happens when the maximum ON time is reached before the current in each phase reaches IOCPx (IINFOx
< 35
µA).
Figure 6a shows the maximum output voltage that the device is able to regulate considering the TON limitation
imposed by the previous relationship. If the desired output characteristic crosses the TON limited maximum output
voltage, the output resulting voltage will start to drop after crossing. In this case, the device doesn't perform con-
stant current limitation but only limits the maximum ON time following the previous relationship. The output volt-
age follows the resulting characteristic (dotted in Figure 6b) until UVP is detected or anyway until IFB = 70µA.
Figure 6. TON Limited Operation
I
IN FO x
R
SENSE
I
PHASE
R
g
----------------------------------------------
=
I
OCPx
35
µARg
R
SEN SE
---------------------------
=
Rg
I
OC P x
R
SE NSE
35
µA
-------------------------------------------
=
T
ON,MAX
0.80
I
FB
5.73 k
() T
0.80
R
SENSE
Rg
----------------------
I
OUT
5.73k
⋅⋅

 T
0.80 T I
FB
0
µA
=
0.40 T I
FB
70
µA
=
==
a) Maximum output Voltage
b) TON Limited Output Voltage
0.80·VIN
0.40·VIN
VOUT
IOUT
IOCP=2·IOCPx
(IFB=70µA)
TON Limited Output
characteristic
0.80·VIN
0.40·VIN
VOUT
IOUT
IOCP=2·IOCPx
(IFB=70µA)
Desired Output
characteristic and
UVP threshold
Resulting Output
characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com