Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919C Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6919C
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919C Datasheet(HTML) 3 Page - STMicroelectronics

  L6919C Datasheet HTML 1Page - STMicroelectronics L6919C Datasheet HTML 2Page - STMicroelectronics L6919C Datasheet HTML 3Page - STMicroelectronics L6919C Datasheet HTML 4Page - STMicroelectronics L6919C Datasheet HTML 5Page - STMicroelectronics L6919C Datasheet HTML 6Page - STMicroelectronics L6919C Datasheet HTML 7Page - STMicroelectronics L6919C Datasheet HTML 8Page - STMicroelectronics L6919C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3/32
L6919C
ELECTRICAL CHARACTERISTICS
VCC = 12V ±10%, TJ = 0 to 70°C unless otherwise specified
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Vcc SUPPLY CURRENT
ICC
Vcc supply current
HGATEx and LGATEx open
VCCDR=VBOOT=12V
7.5
10
12.5
mA
ICCDR
VCCDR supply current
LGATEx open; VCCDR=12V
2
3
4
mA
IBOOTx
Boot supply current
HGATEx open; PHASEx to PGND
VCC=VBOOT=12V
0.5
1
1.5
mA
POWER-ON
Turn-On VCC threshold
VCC Rising; VCCDR=5V
8
9.2
10.4
V
Turn-Off VCC threshold
VCC Falling; VCCDR=5V
6.5
7.5
8.5
V
Turn-On VCCDR
Threshold
VCCDR Rising
VCC=12V
4.2
4.4
4.6
V
Turn-Off VCCDR
Threshold
VCCDR Falling
VCC=12V
4.0
4.2
4.4
V
OSCILLATOR/INHIBIT/FAULT
fOSC
Initial Accuracy
OSC = OPEN
OSC = OPEN; Tj=0
°C to 125°C
185
180
200
215
220
kHz
kHz
fOSC,Rosc Total Accuracy
RT to GND=74kΩ
360
400
440
kHz
INH
Inhibit threshold
ISINK=5mA
0.5
V
dMAX
Maximum duty cycle
OSC = OPEN; IFB = 0
75
80
%
OSC = OPEN; IFB = 60µA38
46
%
∆Vosc
Ramp Amplitude
1.8
2
2.2
V
FAULT
Voltage at pin OSC
OVP or UVP Active
4.75
5.0
5.25
V
REFERENCE AND DAC
Output Voltage
Accuracy
VID0, VID1, VID2, VID3, VID4
see Table1;
FBR = VOUT; FBG = GND
-0.6
-
0.6
%
IDAC
VID pull-up Current
VIDx = GND
4
5
6
µA
VID pull-up Voltage
VIDx = OPEN
3.2
-
3.5
V
ERROR AMPLIFIER
DC Gain
80
dB
SR
Slew-Rate
COMP=10pF
15
V/
µs
DIFFERENTIAL AMPLIFIER (REMOTE BUFFER)
DC Gain
1
V/V
CMRR
Common Mode Rejection Ratio
40
dB
SR
Slew Rate
VSEN=10pF
15
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com