Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919C Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6919C
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919C Datasheet(HTML) 2 Page - STMicroelectronics

  L6919C Datasheet HTML 1Page - STMicroelectronics L6919C Datasheet HTML 2Page - STMicroelectronics L6919C Datasheet HTML 3Page - STMicroelectronics L6919C Datasheet HTML 4Page - STMicroelectronics L6919C Datasheet HTML 5Page - STMicroelectronics L6919C Datasheet HTML 6Page - STMicroelectronics L6919C Datasheet HTML 7Page - STMicroelectronics L6919C Datasheet HTML 8Page - STMicroelectronics L6919C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
L6919C
2/32
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
PIN CONNECTION
Symbol
Parameter
Value
Unit
Vcc, VCCDR
to PGND
15
V
VBOOT-VPHASE
Boot Voltage
15
V
VUGATE1-VPHASE1
VUGATE2-VPHASE2
15
V
LGATE1, PHASE1, LGATE2, PHASE2 to PGND
-0.3 to Vcc+0.3
V
VID0 to VID4
-0.3 to 5
V
All other pins to PGND
-0.3 to 7
V
Vphase
Sustainable Peak Voltage t < 20ns @ 600kHz
26
V
Symbol
Parameter
Value
Unit
Rth j-amb Thermal Resistance Junction to Ambient
60
°C/W
Tmax
Maximum junction temperature
150
°C
Tstorage
Storage temperature range
-40 to 150
°C
Tj
Junction Temperature Range
0 to 125
°C
PMAX
Max power dissipation at Tamb = 25°C
2
W
1
3
2
4
5
6
7
8
9
18
17
16
15
19
20
10
11
12
13
14
24
23
22
21
25
26
27
28
LGATE1
VCCDR
PHASE1
FB
BOOT1
UGATE1
VSEN
VCC
SGND
COMP
ISEN1
PGNDS1
FBR
FBG
VID3
VID2
VID1
VID4
BOOT2
PGOOD
UGATE2
PHASE2
LGATE2
PGND
OSC / INH / FAULT
ISEN2
PGNDS2
VID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com