Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919C Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6919C
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919C Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6919C Datasheet HTML 14Page - STMicroelectronics L6919C Datasheet HTML 15Page - STMicroelectronics L6919C Datasheet HTML 16Page - STMicroelectronics L6919C Datasheet HTML 17Page - STMicroelectronics L6919C Datasheet HTML 18Page - STMicroelectronics L6919C Datasheet HTML 19Page - STMicroelectronics L6919C Datasheet HTML 20Page - STMicroelectronics L6919C Datasheet HTML 21Page - STMicroelectronics L6919C Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
L6919C
18/32
Current Sharing (CS) Control Loop
Active current sharing is implemented using the information from Tran conductance differential amplifier in an
average current mode control scheme. A current reference equal to the average of the read current (IAVG) is in-
ternally built; the error between the read current and this reference is converted to a voltage with a proper gain
and it is used to adjust the duty cycle whose dominant value is set by the error amplifier at COMP pin (See fig. 13).
The current sharing control is a high bandwidth control loop allowing current sharing even during load transients.
The current sharing error is affected by the choice of external components; choose precise Rg resistor (±1% is
necessary) to sense the current. The current sharing error is internally dominated by the voltage offset of Tran
conductance differential amplifier; considering a voltage offset equal to 2mV across the sense resistor, the cur-
rent reading error is given by the following equation:
Where
∆IREAD is the difference between one phase current and the ideal current (IMAX/2).
For RSENSE = 4mΩ and IMAX = 40A the current sharing error is equal to 2.5%, neglecting errors due to Rg and
Rsense mismatches.
Figure 13. Current Sharing Control Loop
Average Current Mode (ACM) Control Loop
The average current mode control loop is reported in figure 14. The current information IFB sourced by the FB
pin flows into RFB implementing the dependence of the output voltage from the read current.
The ACM control loop gain results (obtained opening the loop after the COMP pin):
Where:
–
is the equivalent output resistance determined by the droop function;
–ZP(s) is the impedance resulting by the parallel of the output capacitor (and its ESR) and the applied
load Ro;
–ZF(s) is the compensation network impedance;
–ZL(s) is the parallel of the two inductor impedance;
– A(s) is the error amplifier gain;
I
RE AD
∆
I
MAX
--------------------
2m V
R
SENSE
I
MAX
⋅
----------------------------------------
=
L1
L2
+
+
PWM1
1/5
1/5
IINFO2
IINFO1
PWM2
COMP
VOUT
CURRENT
SHARING
DUTY CYCLE
CORRECTION
D02IN1393
G
LOOP s
()
PWM Z
F s
() R
DROOP
Z
P s
()
+
()
⋅
⋅
Z
P s
() Z
L s
()
+
()
Z
F s
()
As
()
---------------
1
1
As
()
------------
+


R
FB
⋅
+
⋅
--------------------------------------------------------------------------------------------------------------------
=
R
DROOP
R
sense
R
g
-------------------
R
FB
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com