Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919C Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6919C
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919C Datasheet(HTML) 4 Page - STMicroelectronics

  L6919C Datasheet HTML 1Page - STMicroelectronics L6919C Datasheet HTML 2Page - STMicroelectronics L6919C Datasheet HTML 3Page - STMicroelectronics L6919C Datasheet HTML 4Page - STMicroelectronics L6919C Datasheet HTML 5Page - STMicroelectronics L6919C Datasheet HTML 6Page - STMicroelectronics L6919C Datasheet HTML 7Page - STMicroelectronics L6919C Datasheet HTML 8Page - STMicroelectronics L6919C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
L6919C
4/32
DIFFERENTIAL CURRENT SENSING
IISEN1,
IISEN2
Bias Current
ILOAD = 0
45
50
55
µA
IPGNDSx
Bias Current
45
50
55
µA
IISEN1,
IISEN2
Bias Current at
Over Current Threshold
80
85
90
µA
IFB
Active Droop Current
ILOAD ≤ 0%
ILOAD = 100%
47.5
0
50
1
52.5
µA
µA
GATE DRIVERS
tRISE
HGATE
High Side
Rise Time
VBOOTx-VPHASEx=10V;
CHGATEx to PHASEx=3.3nF
15
30
ns
IHGATEx
High Side
Source Current
VBOOTx-VPHASEx=10V
2
A
RHGATEx High Side
Sink Resistance
VBOOTx-VPHASEx=12V;
1.5
2
2.5
tRISE
LGATE
Low Side
Rise Time
VCCDR=10V;
CLGATEx to PGNDx=5.6nF
30
55
ns
ILGATEx
Low Side
Source Current
VCCDR=10V
1.8
A
RLGATEx Low Side
Sink Resistance
VCCDR=12V
0.7
1.1
1.5
PROTECTIONS
PGOOD
Upper Threshold
(VSEN/DAC Output)
VSEN Rising
108
112
116
%
PGOOD
Lower Threshold
(VSEN/DAC Output)
VSEN Falling
84
88
92
%
OVP
Over Voltage Threshold
(VSEN)
VSEN Rising
1.915
2.05
V
UVP
Under Voltage Trip
(VSEN/DAC Output)
VSEN Falling
65
70
75
%
VPGOOD PGOOD Voltage Low
IPGOOD = -4mA
0.3
0.4
0.5
V
ELECTRICAL CHARACTERISTICS (continued)
VCC = 12V ±10%, TJ = 0 to 70°C unless otherwise specified
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com