Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919C Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6919C
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919C Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6919C Datasheet HTML 23Page - STMicroelectronics L6919C Datasheet HTML 24Page - STMicroelectronics L6919C Datasheet HTML 25Page - STMicroelectronics L6919C Datasheet HTML 26Page - STMicroelectronics L6919C Datasheet HTML 27Page - STMicroelectronics L6919C Datasheet HTML 28Page - STMicroelectronics L6919C Datasheet HTML 29Page - STMicroelectronics L6919C Datasheet HTML 30Page - STMicroelectronics L6919C Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27/32
L6919C
Part List
R1
10k
SMD 0805
R2, R20,R21
Not Mounted
SMD 0805
R3, R4, R5, R6
2.7k
1%
SMD 0805
R7
1k
1%
SMD 0805
R8
1.8k
SMD 0805
R9
47k
1%
SMD 0805
R10
510
SMD 0805
R11
82
SMD 0805
R12 to R19
0
SMD 0805
C1
Not Mounted
SMD 0805
C2
22n
SMD 0805
C3, C4
100n
SMD 0805
C5, C6, C7, C8
1
µ
Ceramic
SMD 1206
C9, C10
10
µ or 22µ / 16V
TDK Multilayer Ceramic SMD 1206
C11 to C13
1800
µ / 16V
Rubycon MBZ
Radial 10x23
C14 to C18
2200
µ / 6.3V
Rubycon MBZ
Radial 10x20
C24
100n
SMD 0805
L1, L2
0.8
µ
77121 - 4Turns
U1
L6919C
STMicroelectronics
SO28
Q1, Q3
SUB85N03-04P
Vishay
D
2PACK
Q2, Q4
SUB70N03-09BP
Vishay
D
2PACK
D1, D2
STPS340U
STMicroelectronics
SMB
D3, D4
1N4148
STMicroelectronics
SOT23
S0,S4
Short
S1,S2,S3
Open
STATIC PERFORMANCES
Figure 23 shows the demo board measured efficiency versus load current in steady state conditions without air-
flow at ambient temperature.
Figure 23. System Efficiency
50
55
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
40
45
Output Current [A]
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com