Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919C Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6919C
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919C Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6919C Datasheet HTML 13Page - STMicroelectronics L6919C Datasheet HTML 14Page - STMicroelectronics L6919C Datasheet HTML 15Page - STMicroelectronics L6919C Datasheet HTML 16Page - STMicroelectronics L6919C Datasheet HTML 17Page - STMicroelectronics L6919C Datasheet HTML 18Page - STMicroelectronics L6919C Datasheet HTML 19Page - STMicroelectronics L6919C Datasheet HTML 20Page - STMicroelectronics L6919C Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17/32
L6919C
plication of the load the inductor is charged by a voltage equal to the difference between the input and the output
voltage, during the removal it is discharged only by the output voltage. The following expressions give approx-
imate response time for
∆I load transient in case of enough fast compensation network response:
The worst condition depends on the input voltage available and the output voltage selected. Anyway the worst
case is the response time after removal of the load with the minimum output voltage programmed and the max-
imum input voltage available.
Figure 11. Inductor ripple current vs VOUT
MAIN CONTROL LOOP
The control loop is composed by the Current Sharing control loop and the Average Current Mode control loop.
Each loop gives, with a proper gain, the correction to the PWM in order to minimize the error in its regulation:
the Current Sharing control loop equalize the currents in the inductors while the Average Current Mode control
loop fixes the output voltage equal to the reference programmed by VID. Figure 12 reports the block diagram of
the main control loop.
Figure 12. Main Control Loop Diagram
t
a pplic atio n
LI
∆
⋅
V
IN
V
OUT
–
------------------------------
=
t
rem ov al
LI
∆
⋅
V
OUT
---------------
=
0
1
2
3
4
5
6
7
8
9
0.5
1.5
2.5
3.5
Output Voltage [V]
L=3
µH,
Vin=12V
L=2
µH,
Vin=12V
L=1.5
µH, Vin=12V
L=2
µH,
Vin=5V
L=1.5
µH,
Vin=5V
L=3
µH, Vin=5V
L1
L2
+
+
PWM1
1/5
+
-
1/5
IINFO2
IINFO1
4/5
ZF(S)
PWM2
CO
FB
COMP
RO
ERROR
AMPLIFIER
REFERENCE
PROGRAMMED
BY VID
CURRENT
SHARING
DUTY CYCLE
CORRECTION
RFB
D02IN1392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com