Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919C Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6919C
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919C Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6919C Datasheet HTML 2Page - STMicroelectronics L6919C Datasheet HTML 3Page - STMicroelectronics L6919C Datasheet HTML 4Page - STMicroelectronics L6919C Datasheet HTML 5Page - STMicroelectronics L6919C Datasheet HTML 6Page - STMicroelectronics L6919C Datasheet HTML 7Page - STMicroelectronics L6919C Datasheet HTML 8Page - STMicroelectronics L6919C Datasheet HTML 9Page - STMicroelectronics L6919C Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
L6919C
6/32
PIN FUNCTION
N
Name
Description
1
LGATE1
Channel 1 low side gate driver output.
2
VCCDR
LS Mosfet driver supply. It can be varied from 5V to 12V.
3
PHASE1 This pin is connected to the source of the upper mosfet and provides the return path for the high
side driver of channel 1.
4
UGATE1 Channel 1 high side gate driver output.
5
BOOT1
Channel 1 bootstrap capacitor pin. Through this pin is supplied the high side driver and the upper
mosfet. Connect through a capacitor to the PHASE1 pin and through a diode to Vcc (cathode vs.
boot).
6
VCC
Device supply voltage. The operative supply voltage is 12V.
7
GND
All the internal references are referred to this pin. Connect it to the PCB signal ground.
8
COMP
This pin is connected to the error amplifier output and is used to compensate the control
feedback loop.
9
FB
This pin is connected to the error amplifier inverting input and is used to compensate the voltage
control feedback loop.
A current proportional to the sum of the current sensed in both channel is sourced from this pin
(50
µA at full load, 70µA at the 140% Constant Current threshold). Connecting a resistor between
this pin and VSEN pin allows programming the droop effect.
10
VSEN
Connected to the output voltage it is able to manage Over&Under-voltage conditions and the
PGOOD signal. It is internally connected with the output of the Remote Sense Buffer for Remote
Sense of the regulated voltage.
If no Remote Sense is implemented, connect it directly to the regulated voltage in order to
manage OVP, UVP and PGOOD.
11
FBR
Remote sense buffer non-inverting input. It has to be connected to the positive side of the load to
perform a remote sense.
If no remote sense is implemented, connect directly to the output voltage (in this case connect
also the VSEN pin directly to the output regulated voltage).
12
FBG
Remote sense buffer inverting input. It has to be connected to the negative side of the load to
perform a remote sense.
Pull-down to ground if no remote sense is implemented.
13
ISEN1
Channel 1 current sense pin. The output current may be sensed across a sense resistor or
across the low-side mosfet RdsON. This pin has to be connected to the low-side mosfet drain or to
the sense resistor through a resistor Rg in order to program the over current intervention for this
phase at 140% as follow:
Where 35
µA is the current offset information relative to the Over Current condition (offset at OC
threshold minus offset at zero load).
The net connecting the pin to the sense point must be routed as close as possible to the
PGNDS1 net in order to couple in common mode any picked-up noise.
14
PGNDS1 Channel 1 Power Ground sense pin. The net connecting the pin to the sense point must be
routed as close as possible to the ISEN1 net in order to couple in common mode any picked-up
noise.
15
PGNDS2 Channel 2 Power Ground sense pin. The net connecting the pin to the sense point must be
routed as close as possible to the ISEN2 net in order to couple in common mode any picked-up
noise.
I
OC Px
35
µARg
Rsense
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com