Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9380
Description  TRIPLE HIGH-SIDE MOSFET DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9380 Datasheet HTML 3Page - STMicroelectronics L9380 Datasheet HTML 4Page - STMicroelectronics L9380 Datasheet HTML 5Page - STMicroelectronics L9380 Datasheet HTML 6Page - STMicroelectronics L9380 Datasheet HTML 7Page - STMicroelectronics L9380 Datasheet HTML 8Page - STMicroelectronics L9380 Datasheet HTML 9Page - STMicroelectronics L9380 Datasheet HTML 10Page - STMicroelectronics L9380 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
VS
GND
DRIVER 1
≥1
ENN
-
CHARGE PUMP
OVERVOLTAGE
CP
T1
VSI
IN1
+
≥1
VSI
T2
IN2
IN3
EN
CP
IPR
D1
S1
G1
DRIVER 2
≥1
ENN
-
VSI
+
≥1
VSI
CP
D2
S2
G2
IPR
ENN
≥1
VSI
CP
DRIVER 3
G3
ENN
VS
VSI
PR
IPR
2V
REFERENCE
REG.
C1
D2
D1
C2
C3
C4
LOAD CONTROL
M1
M2
R1
R2
R3
R4
R5
R6
D3
D4
D5
D6
R7
D7
M3
M4
D8
L4
L3
L2
L1
VALUE DRIVER
U405
MM1
M
M2
D98AT395
VBAT
R8
Figure 7. Application Circuit.
Recommendations to the application circuit: The timer and the charge capacitors are loaded with an al-
ternating current source. A short ground connection of the charge capacitor is indispensable to avoid
electromagnetic emigrations. The dimension of the resistors RD, RG and RS have to respect the maxi-
mum current during transients at each pin.
L9380
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com