Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9380
Description  TRIPLE HIGH-SIDE MOSFET DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 3 Page - STMicroelectronics

  L9380 Datasheet HTML 1Page - STMicroelectronics L9380 Datasheet HTML 2Page - STMicroelectronics L9380 Datasheet HTML 3Page - STMicroelectronics L9380 Datasheet HTML 4Page - STMicroelectronics L9380 Datasheet HTML 5Page - STMicroelectronics L9380 Datasheet HTML 6Page - STMicroelectronics L9380 Datasheet HTML 7Page - STMicroelectronics L9380 Datasheet HTML 8Page - STMicroelectronics L9380 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
100
°C/W
LIFETIME
Symbol
Parameter
Condition
Value
Unit
tB
Useful life time
VS = 0V
20
years
tb
Operating life time
VS = 7 to 18.5V
5000
hours
PIN FUNCTIONS
N.
Name
Function
1
T1
Timer capacitor; the capacitor defines the time for the channel 1 shut down, after overload of
the external MOS transistor has been detected.
2VS
Supply Voltage.
4
T2
Timer capacitor; the capacitor defines the time for the channel 2 shut down, after overload of
the external MOS transistor has been detected.
5
PR
Programming resistor for overload detetcion threshold; the resistor from this pin to ground
defines the drain pin current and the charging of the timer capacitor.
6
IN3
Input 3; equal to IN1.
7
IN2
Input 2; equal to IN1.
8
IN1
Input 1; logic signal applied to this pin controls the driver 1; this pin features a current source to
assure defined high status when the pin is open.
9
EN
Enable logic signal high on this pin enables all channels
10
GND
Ground
11
G3
Gate 3 driver output; current source from CP or ground
12
G2
Gate 2 driver output; current source from CP or ground
14
S2
Source 2 sense input; monitors the source voltage.
15
S1
Source 1 sense input; monitors the source voltage.
16
G1
Gate 1 driver output; current source from CP or ground
17
D2
Drain 2 sense input; a programmable input bias current defines the drop across the external
resistor RD1; this drop fixes the overload threshold of the external MOS.
19
D1
Drain 1 sense input; a programmable input bias current defines the drop across the external
resistor RD1; this drop fixes the overload threshold of the external MOS.
20
CP
Charge pump capacitor; a alternating current source at this pin charges the connected
capacitor CCP to a voltage 10V higher than VS; the charge stored in this capacitor is thanused
to charge all the three gates of the power MOS transistors.
3, 13, 18
NC
Not connected
L9380
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com