Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9380
Description  TRIPLE HIGH-SIDE MOSFET DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9380 Datasheet HTML 4Page - STMicroelectronics L9380 Datasheet HTML 5Page - STMicroelectronics L9380 Datasheet HTML 6Page - STMicroelectronics L9380 Datasheet HTML 7Page - STMicroelectronics L9380 Datasheet HTML 8Page - STMicroelectronics L9380 Datasheet HTML 9Page - STMicroelectronics L9380 Datasheet HTML 10Page - STMicroelectronics L9380 Datasheet HTML 11Page - STMicroelectronics L9380 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Figure 14: PCB Board
Electromagnetic Emission Classification (EME)
Electromagnetic Emission classes presented below are typical data found on bench test. For detailes
test description please refer to "Electromagnetic Emission (EME) Measurement of Integrated Circuits,
DC to 1GHz" of VDE/ZVEI work group 767.13 and VDE/ZVEI work group 767.14 or IEC project number
47A 1967Ed. This data is targeted to board designers to allow an estimation of emission filtering effort
required in application. All measurements are done with the EMS-board (See pages 9, 10)
Pin
EME class
Remark
VCP
G
-
w
Electromagnetic Emission and Susceptivity is not tested in production.
L9380
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com