Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9380
Description  TRIPLE HIGH-SIDE MOSFET DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 5 Page - STMicroelectronics

  L9380 Datasheet HTML 1Page - STMicroelectronics L9380 Datasheet HTML 2Page - STMicroelectronics L9380 Datasheet HTML 3Page - STMicroelectronics L9380 Datasheet HTML 4Page - STMicroelectronics L9380 Datasheet HTML 5Page - STMicroelectronics L9380 Datasheet HTML 6Page - STMicroelectronics L9380 Datasheet HTML 7Page - STMicroelectronics L9380 Datasheet HTML 8Page - STMicroelectronics L9380 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
pacitor CCP of 33nF in less than 20ms up to 8V
above VS. The value of CCP depends on the input
capacitance of the external MOS and the decay
of the charge pump voltage down to that value
where no significant influence on the application
occurs.
The necessary charging time for CCP has to be
respected in the sequence of the input control sig-
nals. As a consequence the lower gate to source
voltage can cause a higher drop across the
Power-MOS and get into overload condition. In
this case the overload protection timer will start.
After the protection time the concerned channel
will be switched off. Channel 3 is not equipped
with an overload protection. The same situation
can occur due to a discharge of the storage ca-
pacitor caused by the gate short to ground. The
gate driver that is supplied from the pin CP, which
is the charge pump output, has a sink and source
current capability of 3mA. For a short-circuit of the
load (source to ground) the L9380 has no gate to
source limitation. The gate source protection must
be done externally.
Channel 1 and 2 provide drain to source voltage
sensing possibility with programmable shut-off
delay when the activation threshold was ex-
ceeded. This threshold VDSmin is set by the exter-
nal resistor RD. The bias current flowing through
this resistor is determined by the programming re-
sistor RPR. This external resistor RPR defines also
the charge and discharge current of the timer ca-
pacitor CCT. The drain to source threshold VDSmin
and the timer shut off delay time Toff can be cal-
culated:
VDSmin = VPR (RD /RPR)
Toff = 4.4 CT RPR
VIN
VG
VS
VT
4.4V
0.4V
VDSmin
td
td
Toff
D98AT392
Figure 4. Timing Characteristic.
ID
IPR + IDmax
ISmax
IS
V S
=
V
D
IPR
0
D98AT393
Figure 5. Drain, source input current.
L9380
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com