Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9380
Description  TRIPLE HIGH-SIDE MOSFET DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 1 Page - STMicroelectronics

  L9380 Datasheet HTML 1Page - STMicroelectronics L9380 Datasheet HTML 2Page - STMicroelectronics L9380 Datasheet HTML 3Page - STMicroelectronics L9380 Datasheet HTML 4Page - STMicroelectronics L9380 Datasheet HTML 5Page - STMicroelectronics L9380 Datasheet HTML 6Page - STMicroelectronics L9380 Datasheet HTML 7Page - STMicroelectronics L9380 Datasheet HTML 8Page - STMicroelectronics L9380 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
L9380
TRIPLE HIGH-SIDE MOSFET DRIVER
OVERVOLTAGE CHARGE PUMP SHUT OFF
FOR VVS > 25V
REVERSE BATTERY PROTECTION (REFER-
RING TO THE APPLICATION CIRCUIT DIA-
GRAM)
PROGRAMMABLE
OVERLOAD
PROTEC-
TION FUNCTION FOR CHANNEL 1 AND 2
OPEN GROUND PROTECTION FUNCTION
FOR CHANNEL 1 AND 2
CONSTANT
GATE
CHARGE/DISCHARGE
CURRENT
DESCRIPTION
The L9380 device is a controller for three external
N-channel power MOS transistors in "High-Side
Switch" configuration. It is intended for relays re-
placement in automotive electric control units.
April 1998
T1
VS
N.C.
T2
PR
IN2
IN3
IN1
EN
G2
N.C.
S2
G1
S1
D2
N.C.
D1
CP
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
GND
G3
D98AT391
PIN CONNECTION (Top view)
SO20
ORDERING NUMBER: L9380
1/12


Similar Part No. - L9380

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9380 STMICROELECTRONICS-L9380 Datasheet
255Kb / 18P
Triple high-side MOSFET driver
05-Mar-2008
L9380-TR STMICROELECTRONICS-L9380-TR Datasheet
255Kb / 18P
Triple high-side MOSFET driver
05-Mar-2008
L9380 STMICROELECTRONICS-L9380_08 Datasheet
255Kb / 18P
Triple high-side MOSFET driver
05-Mar-2008
More results

Similar Description - L9380

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9337MD STMICROELECTRONICS-L9337MD Datasheet
55Kb / 8P
TRIPLE LOW SIDE DRIVER
Mar-2000
logo
Linear Technology
LTC1154 LINER-LTC1154 Datasheet
334Kb / 16P
High-Side Micropower MOSFET Driver
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
Protected High Side MOSFET Driver
logo
Micrel Semiconductor
MIC5031 MICREL-MIC5031 Datasheet
88Kb / 8P
High-Speed High-Side MOSFET Driver
MIC5018 MICREL-MIC5018_06 Datasheet
209Kb / 8P
IttyBitty??High-Side MOSFET Driver
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
logo
STMicroelectronics
L9380 STMICROELECTRONICS-L9380_08 Datasheet
255Kb / 18P
Triple high-side MOSFET driver
05-Mar-2008
logo
Linear Technology
LTC1154 LINER-LTC1154_15 Datasheet
199Kb / 18P
High Side Micropower MOSFET Driver
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
Protected High Side MOSFET Driver
logo
Microchip Technology
MIC5018 MICROCHIP-MIC5018 Datasheet
2Mb / 20P
High-Side MOSFET Driver
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com