Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9380
Description  TRIPLE HIGH-SIDE MOSFET DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 2 Page - STMicroelectronics

  L9380 Datasheet HTML 1Page - STMicroelectronics L9380 Datasheet HTML 2Page - STMicroelectronics L9380 Datasheet HTML 3Page - STMicroelectronics L9380 Datasheet HTML 4Page - STMicroelectronics L9380 Datasheet HTML 5Page - STMicroelectronics L9380 Datasheet HTML 6Page - STMicroelectronics L9380 Datasheet HTML 7Page - STMicroelectronics L9380 Datasheet HTML 8Page - STMicroelectronics L9380 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VS
GND
DRIVER 1
≥1
ENN
-
CHARGE PUMP
OVERVOLTAGE
CP
T1
VSI
IN1
+
≥1
VSI
T2
IN2
IN3
EN
CP
IPR
D1
S1
G1
DRIVER 2
≥1
ENN
-
VSI
+
≥1
VSI
CP
D2
S2
G2
IPR
ENN
≥1
VSI
CP
DRIVER 3
G3
ENN
VS
VSI
PR
IPR
2V
REFERENCE
REG.
D98AT390
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
-0.3 to +27
V
VS
Supply Voltage pulse (t
≤ 400ms)
45
V
∆VS/dt
Supply Voltage slope
-10 to +10
V/
µs
VIN,EN
Input / Enable Voltage
-0.3 to +7
V
VT
Timer Voltage
-0.3 to 27
V
VD, G, S
Drain, gate, source voltage
-15 to +27
V
VD, G, S
Drain, gate, source voltage pulse (t
≤ 400ms)
45
V
ID, G, S
Drain, gate, source current (t
≤ 2ms)
0 to +4
mA
Tj
Operating Junction Temperature
-40 to 150
°C
Tstg
Storage Temperature
-65 to 150
°C
Note: ESD for all pins, except the timer pins, are according to MIL 883C, tested at 2KV, corresponds to a maximum energy dissipation of 0.2mJ.
The timer pins are tested with 800V
L9380
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com