Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9380
Description  TRIPLE HIGH-SIDE MOSFET DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 4 Page - STMicroelectronics

  L9380 Datasheet HTML 1Page - STMicroelectronics L9380 Datasheet HTML 2Page - STMicroelectronics L9380 Datasheet HTML 3Page - STMicroelectronics L9380 Datasheet HTML 4Page - STMicroelectronics L9380 Datasheet HTML 5Page - STMicroelectronics L9380 Datasheet HTML 6Page - STMicroelectronics L9380 Datasheet HTML 7Page - STMicroelectronics L9380 Datasheet HTML 8Page - STMicroelectronics L9380 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FUNCTIONAL DESCRIPTION
The Triple High-Side Power-MOS Driver features
all necessary control and protection functions to
switch on three Power-MOS transistors operating
as High-Side switches in automotive electronic
control units. The key application field is relays re-
placement in systems where high current loads,
usually motors with nominal currents of about 40A
connected to ground, has to be switched.
A high signal at the EN pin enables all three
channels. With enable low gates are clamped to
ground. In this condition the gate sink current is
higher than the specified 3mA. An enable low sig-
nal makes also a reset of the timer.
A low signal at the inputs switch on the gates of
the external MOS. A short circuit at the input
leads to permanent activation of the concerned
channel. In this case the device can be disabled
with the enable pin. The charge pump loading is
not influenced due to the enable input.
An external N-channel MOS driver in high side
configuration needs a gate driving voltage higher
than VS. It is generated by means of a charge
pump with integrated charge transfer capacitors
and one external charge storage capacitor CCP.
The charge pump is dimensioned to load a ca-
ELECTRICAL CHARACTERISTICS (7V
≤ VS ≤ 18.5V; -40°C ≤ TJ ≤ 150°C, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
IVS
Static Operating Supply Current
VS = 14V
2.5
mA
CHARGE PUMP
VCP
Charge Pump Voltage Above VS
817
V
tCP
Charging Time
VCP = VS + 8V CCP = 100pF
200
µs
VSCP off
Overvoltage Shut down
20
30
V
VSCP hys
Overvoltage Shut down
Hysteresis
1)
50
200
1000
mV
fCP
Charge Pump frequency
1)
100
250
400
KHz
GATE DRIVERS
IGSo
Gate Source Current
VG = VS
-5
-3
-1
mA
IGSi
Gate Sink Current
VG
≥ 0.8V
1
3
5
mA
DRAIN - SOURCE SENSING
VPR
Bias Current Programming
voltage
10
µA ≤ IPR ≤ 100µA; VD ≥ 4V
1.8
2
2.2
V
ID Leak
Drain pin leakage current
VS = 0V; VD =14V
0
5
µA
ID
Drain pin bias current
VS
≥ VD + 1V; VD ≥ 5V
0.9 IPR
1.1 IPR
ISmax
Source pin input current
VS
≥ VD + 1V; VD ≥ 7V
10
60
µA
VHYST
Comparator Hysteresis
20
mV
TIMER
VTHi
Timer threshold high
4
4.4
4.8
V
VTLo
Timer threshold low
0.3
0.4
0.5
V
IT
Timer Current
IN = 5V; VT = 2V
IN = 0V; VS < VD;
VD
≥ 5V; VT = 2V
0.4 IPR
-0.6 IPR
0.6 IPR
-0.4 IPR
INPUTS
VLOW
Input Enable low voltage
-0.3
1
V
VHIGH
Input Enable high voltage
3
7
V
VINhys
Input Enable Hysteresis
(1)
50
200
500
mV
IIN
Input source current
VIN
≤ 3V
-30
-5
µA
IEN
Enable sink current
VEN
≥ 1V
5
30
µA
td
Transfer time IN/ENABLE
VS = 14V VG = VS; OPEN GATE
2.5
µs
NOTE: Not measured guaranteed by design
Function is given for supply voltage down to 5.5V. Function means: The channels are controlled from the
inputs, some other parameters may exceed the limit. In this case the programming voltage and timer
threshold will be lower. This leads to a lower protection threshold and time.
L9380
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com